Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A11EB1-GA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A11EB1-GA
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A11EB1-GA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  A11EB1-GA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A11EB1-GA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
A10
A
www.nkkswitches.com
Vertical PC
Single Pole
Vertical PC
Double Pole
A12AV
V Terminals
V1 Terminals
A22AV
Right Angle PC
Single Pole
Right Angle PC
Double Pole
A12AH
A22AH
(5.0)
.197
(6.0)
.236
(0.3)
.012
(9.8)
.386
(5.08)
.200
(0.3) Typ
.012
(2.6) Dia
.102
Slot
(0.8)
.031
(3.3)
.131
(3.1)
.122
(5.08)
.200
(0.7)
.028
(9.38)
.369
(4.5)
.177
(10.0)
.394
(6.18)
.243
1
2
3
(0.6) Dia Typ
.024
(2.54) Typ
.100
(5.08)
.200
(0.8) Dia Typ
.031
23
1
(2.54) Typ
.100
(5.08)
.200
6
45
23
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(2.54)
.100
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(5.08)
.200
6
4
52
3
1
(2.54) Typ
.100
(0.8) Dia Typ
.031
(5.08)
.200
(5.08)
.200
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
(5.0)
.197
(0.4)
.016
(6.0)
.236
Slot
(5.84)
.230
(2.54)
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.8)
.031
(5.3)
.208
(3.1)
.122
(0.5)
.020
(1.0)
.039
(2.54)
.100
(2.54)
.100
(2.54) Typ
.100
(10.0)
.394
(4.5)
.177
(14.46)
.569
(2.6) Dia
.102
26°
CL
1
2
3
(10.2)
.402
(0.6) Dia Typ
.024
(1.0)
.039
(5.08)
.200
3
2 1
4
5
6
(10.0)
.394
(0.6) Dia Typ
.024
(2.54) Typ
.100
(0.5)
.020
(3.1)
.122
(0.8)
.031
(5.2)
.205
(0.7)
.028
(2.54)
.100
(5.08)
.200
(16.4)
.646
(10.0)
.394
(3.5)
.138
(2.6) Dia
.102
Slot
(9.8)
.386
(0.3) Typ
.012
(5.08)
.200
(5.0)
.197
(6.0)
.236
(0.4)
.016
(10.2)
.402
(5.08)
.200
(0.6) Dia Typ
.024
1
2
3
4
5
6
26°
(2.6) Dia
.102
(3.5)
.138
(0.7)
.028
(1.0)
.039
(3.1)
.122
(0.5)
.020
(5.3)
.208
(0.8)
.031
(5.08)
.200
(2.54) Typ
.100
(10.0)
.394
(18.95)
.746
(6.0)
.236
(5.0)
.197
(0.4) Typ
.016
Slot
(0.3) Typ
.012
(9.5)
.374
(5.08)
.200
26°
TYPICAL SWITCH DIMENSIONS


Similar Part No. - A11EB1-GA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11E NKK-A11E Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
EMP-Centauri s.r.o.
A11ECS-1 EMP-CENTAURI-A11ECS-1 Datasheet
437Kb / 1P
   Amplifier 1in / 1out
A11ECT16DB-1 EMP-CENTAURI-A11ECT16DB-1 Datasheet
437Kb / 1P
   Amplifier 1in / 1out
A11EET16DB-1 EMP-CENTAURI-A11EET16DB-1 Datasheet
442Kb / 1P
   Amplifier 1in / 1out
More results

Similar Description - A11EB1-GA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com