Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8590 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A8590
Description  Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator With Low-IQ Standby, Sleep Mode, External Synchronization, and NPOR Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8590 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A8590 Datasheet HTML 1Page - Allegro MicroSystems A8590 Datasheet HTML 2Page - Allegro MicroSystems A8590 Datasheet HTML 3Page - Allegro MicroSystems A8590 Datasheet HTML 4Page - Allegro MicroSystems A8590 Datasheet HTML 5Page - Allegro MicroSystems A8590 Datasheet HTML 6Page - Allegro MicroSystems A8590 Datasheet HTML 7Page - Allegro MicroSystems A8590 Datasheet HTML 8Page - Allegro MicroSystems A8590 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Wide Input Voltage, 2.4 MHz, 3.0 AAsynchronous Buck Regulator With
Low-IQ Standby, Sleep Mode, External Synchronization, and NPOR Output
A8590
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings*
Characteristic
Symbol
Notes
Rating
Unit
VIN, SLEEP, SS Pin Voltage
–0.3 to 40
V
SW Pin Voltage
VSW
Continuous (minimum limit is a function of temperature)
–0.3 to VIN + 0.3
V
t < 50 ns
–1.0 to VIN + 0.3
V
BOOT Pin Voltage
VBOOT
Continuous
VSW – 0.3 to VSW + 5.5
V
BOOT OV Fault Condition
VSW – 0.3 to VSW + 7.0
V
BIAS Pin Voltage
VBIAS
Continuous
–0.3 to 5.5
V
BIAS OV Fault Condition
–0.3 to 6
V
All Other Pin Voltages
–0.3 to 5.5
V
Operating Ambient Temperature
TA
K Temperature Range
–40 to 125
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
*Operation at levels beyond the ratings listed in this table may cause permanent damage to the device. The Absolute Maximum ratingsare stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the Electrical Characteristics table is not implied. Exposure to Absolute Maximum-rated
conditions for extended periods may affect device reliability.
Thermal Characteristics
(may require derating at maximum conditions, see application information)
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RqJA
On 4-layer PCB based on JEDEC standard
34
ºC/W
*Additional thermal information available on the Allegro website.
SPECIFICATIONS


Similar Part No. - A8590

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8591 ALLEGRO-A8591 Datasheet
2Mb / 33P
   Wide Input Voltage, 2 A Buck Regulator Family with Low-IQ Mode
A8591KEJTR-J ALLEGRO-A8591KEJTR-J Datasheet
2Mb / 33P
   Wide Input Voltage, 2 A Buck Regulator Family with Low-IQ Mode
A8591KEJTR-J-1 ALLEGRO-A8591KEJTR-J-1 Datasheet
2Mb / 33P
   Wide Input Voltage, 2 A Buck Regulator Family with Low-IQ Mode
More results

Similar Description - A8590

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8589 ALLEGRO-A8589 Datasheet
3Mb / 40P
   Wide Input Voltage, 2.4 MHz, 2.5 A Asynchronous Buck Regulator With Low-IQ Standby, Sleep Mode, External Synchronization, and NPOR Output
ARG81801 ALLEGRO-ARG81801 Datasheet
2Mb / 31P
   Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator with Sleep Mode, External Synchronization, and POK Output
A8660 ALLEGRO-A8660 Datasheet
2Mb / 28P
   Wide Input Voltage, Adjustable Output, Synchronous Buck Controller with PWM Frequency Dithering, Synchronization, and NPOR
A8591 ALLEGRO-A8591 Datasheet
2Mb / 33P
   Wide Input Voltage, 2 A Buck Regulator Family with Low-IQ Mode
APEK8651KLP-01-MH ALLEGRO-APEK8651KLP-01-MH Datasheet
1Mb / 34P
   Low Input Voltage, Adjustable Frequency Dual Synchronous 2A / 2A Buck Regulator with Synchronization, 2x EN, and 2x NPOR
logo
ON Semiconductor
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
   3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
logo
Allegro MicroSystems
A8587 ALLEGRO-A8587 Datasheet
601Kb / 17P
   Wide Input Voltage, Adjustable Frequency, 2 Amp Non-Synchronous Buck Regulator with Enable and NPOR
logo
International Rectifier
IR3710MTRPBF IRF-IR3710MTRPBF_10 Datasheet
2Mb / 20P
   WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
IR3710MTRPBF IRF-IR3710MTRPBF Datasheet
2Mb / 20P
   WIDE INPUT AND OUTPUT, SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP718 ONSEMI-NCP718 Datasheet
255Kb / 9P
   Low Iq, Wide Input Voltage Low Dropout Regulator
March, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com