Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8837EEJTR-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8837EEJTR-T
Description  Photoflash Capacitor Charger with IGBT Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8837EEJTR-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8837EEJTR-T Datasheet HTML 1Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 2Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Photoflash Capacitor Charger with IGBT Driver
A8837
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS TA = 25°C and VIN = 3.3 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ. Max. Units
Supply Voltage*
VIN
3
5.5
V
Supply Current
IIN
Charging
1.5
mA
Charging done
1
10
μA
Shutdown (VCHARGE= 0 V, VTRIGGER= 0 V)
0.01
1
μA
Primary Side Current Limit
(ILIM clock input at CHARGE pin)
ISWLIM1
1.8
2.0
2.2
A
ISWLIM2
1.8
A
ISWLIM3
1.6
A
ISWLIM4
1.4
A
ISWLIM5
1.2
A
ISWLIM6
–1–
A
ISWLIM7
0.86
A
ISWLIM8
0.7
A
SW On Resistance
RDS(On)SW
VIN = 3.3 V, ID = 800 mA
0.27
Ω
SW Leakage Current*
ISWLKG
VSW = 35 V
1
μA
SW Maximum Off-Time
tOFF(Max)
–18–
μs
SW Maximum On-Time
tON(Max)
–18–
μs
CHARGE Input Current
ICHARGE
VCHARGE = VIN
––1
μA
CHARGE Input Voltage*
VCHARGE(H)
2––
V
VCHARGE(L)
0.8
V
ILIM Clock High Time at
CHARGE Pin
tILIM1(H)
Initial pulse
20
μs
tILIM(H)
Subsequent pulses
0.2
μs
ILIM Clock Low Time at
CHARGE Pin
tILIM(L)
0.2
μs
Total ILIM Setup Time
tILIM(SU)
–54–
μs
¯D¯¯O¯¯N¯¯E¯ Output Leakage Current*
IDONELKG
––1
μA
¯D¯¯O¯¯N¯¯E¯ Output Low Voltage*
VDONE(L)
32 μA into ¯D¯¯O¯¯N¯¯E¯ pin
100
mV
FB Voltage Threshold*
VFB
1.187 1.205 1.223
V
FB Input Current
IFB
VFB = 1.205 V
–120
nA
UVLO Enable Threshold
VUVLO
VIN rising
2.55
2.65
2.75
V
UVLO Hysteresis
VUVLOHYS
150
mV
IGBT Driver
IGBTDRV On Resistance to VIN
RDS(On)I-V
VIN = 3.3 V, VIGBTDRV= 1.5 V, VTRIGGER = VIN
–5–
Ω
IGBTDRV On Resistance to GND
RDS(On)I-G
VIN = 3.3 V, VIGBTDRV= 1.5 V, VTRIGGER = 0 V
6
Ω
TRIGGER Input Current
ITRIGGER
VTRIGGER = VIN
––1
μA
TRIGGER Input Voltage*
VTRIGGER(H)
2––
V
VTRIGGER(L)
0.8
V
Propagation Delay, Rising
tDr
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
30
ns
Propagation Delay, Falling
tDf
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
30
ns
Output Rise Time
tr
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
70
ns
Output Fall Time
tf
Rgate=12 Ω, CLOAD = 6500 pF, VIN = 3.3 V
70
ns
Minimum dV/dt for
ZVS Comparator
dV/dt
Measured at SW pin
30
V/μs
*Guaranteed by design and characterization over operating temperature range, –40°C to 85°C.


Similar Part No. - A8837EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8835 ALLEGRO-A8835 Datasheet
472Kb / 15P
   The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.
A8835EEJTR-T ALLEGRO-A8835EEJTR-T Datasheet
472Kb / 15P
   The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.
More results

Similar Description - A8837EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
   Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com