Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOTX194 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOTX194
Description  FIBER OPTIC TRANSMITTING MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX194 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOTX194 Datasheet HTML 1Page - Toshiba Semiconductor TOTX194 Datasheet HTML 2Page - Toshiba Semiconductor TOTX194 Datasheet HTML 3Page - Toshiba Semiconductor TOTX194 Datasheet HTML 4Page - Toshiba Semiconductor TOTX194 Datasheet HTML 5Page - Toshiba Semiconductor TOTX194 Datasheet HTML 6Page - Toshiba Semiconductor TOTX194 Datasheet HTML 7Page - Toshiba Semiconductor TOTX194 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TOTX194
2001-08-10
2
2. Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
4.75
5.0
5.25
V
High Level Input Voltage
VIH
2.0
VCC
V
Low Level Input Voltage
VIL
0
0.8
V
3. Electrical and Optical Characteristics (Ta = 25°C, VCC = 5 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data Rate
NRZ Code
(Note 2)
DC
10
Mb / s
Using PCF (Note 3) and TORX194
0.2
1000
m
Transmission Distance
Using PCF (Note 4) and TORX194
0.2
700
m
Pulse Width Distortion
(Note 5)
∆tw
Using TORX194
Pulse width 100 ns
Pulse cycle 200 ns, CL = 10 pF
−30
30
ns
Fiber Output Power
Pf
PCF 2 m, R = 1.2 kΩ
(Note 6)
−20
−14
dBm
Peak Emission Wavelength
λp
800
nm
Current Consumption
ICC
R = 1.2 kΩ
40
55
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
20
µA
Low Level Input Current
IIL
−0.4
mA
Note 2: LED is on when input signal is high level, it is off when low level.
The duty factor must be kept 25 to 75%.
Note 3: TOCP100Q−
□□B, TOCP150Q−□□B, TOCP100X−□□B, TOCP150X−□□B
Note 4: CF−1071 series
Note 5: Between input of TOTX194 and output of TORX194.
Note 6: Measure with a standard optical fiber with fiber optic connectors. Valued by peak.


Similar Part No. - TOTX194

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX193 TOSHIBA-TOTX193 Datasheet
143Kb / 7P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX196 TOSHIBA-TOTX196 Datasheet
356Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
More results

Similar Description - TOTX194

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX170A TOSHIBA-TOTX170A Datasheet
143Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX13SA KODENSHI-KFO-TX13SA Datasheet
188Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com