Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU410 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBU410
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBU410 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBU410 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBU410 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBU410 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload rating -150 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL GBU4005 GBU401 GBU402 GBU404 GBU406 GBU408 GBU410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 2.0A DC
VF
V
Maximum Forward Voltage at 4.0A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance
without heatsink
RθJA
with heatsink (Note2)
RθJC
without heatsink
RθJL
Typical Thermal Resistance
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 50mm*50mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only(典型值仅供参考).
FORWARD CURRENT
- 4.0
Amperes
IR
0.95
A
5.0
500
GBU4005 thru GBU410
A
Rating at 25℃ ambient temperature unless otherwise specified.
GLASS PASSIVATED
150
IFSM
4.0
BRIDGE RECTIFIERS
I(AV)
REVERSE VOLTAGE
- 50
to 1000Volts
93.4
2.4
1.05
Dimensions in inches and (milimeters)
μA
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
45
2.2
-55 to +150
Rev. 8, 16-Mar-2017
-55 to +150
27
/W
2.2
4.5
GBU
.161(4.1)
.134(3.4)
.860(21.8)
.874(22.2)
-
+
.018(.46)
.022(.56)
.106(2.7)
.091(2.3)
.139(3.53)
.133(3.37)
.047(1.2)
.035(0.9)
.057(1.45)
.073(1.85)
.680(17.27)
.720(18.29)
.752(19.1)
.720(18.3)
.430(10.9)
.437(11.1)
.392(9.80)
.401(10.2)
.190
.210
(4.8)
(5.3) (5.3)
(4.8)
.210
.190 .190
.210
(4.8)
(5.3)
.080(2.03)
.065(1.65)
.085(2.16)
.100(2.54)
CHAMFER
.126(3.2)*45°
.232(5.9)
.213(5.4)


Similar Part No. - GBU410

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
GBU410 SAMYANG-GBU410 Datasheet
1Mb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBU410 DIODES-GBU410 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
DONGGUAN YOU FENG WEI E...
GBU410 YFWDIODE-GBU410 Datasheet
281Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBU410 YANGJIE-GBU410 Datasheet
410Kb / 4P
   Bridge Rectifier
logo
ASEMI TECHNOLOGY., LTD
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - GBU410

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com