Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBK-1 Datasheet(PDF) 2 Page - CUI INC

Part # PBK-1
Description  AC-DC POWER SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-1 Datasheet(HTML) 2 Page - CUI INC

  PBK-1 Datasheet HTML 1Page - CUI INC PBK-1 Datasheet HTML 2Page - CUI INC PBK-1 Datasheet HTML 3Page - CUI INC PBK-1 Datasheet HTML 4Page - CUI INC PBK-1 Datasheet HTML 5Page - CUI INC PBK-1 Datasheet HTML 6Page - CUI INC PBK-1 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date
03/25/2014 │ page 2 of 7
CUI Inc
│ SERIES: PBK-1 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
70
264
400
Vac
Vdc
frequency
47
440
Hz
current
at 115 Vac
at 230 Vac
120
40
mA
mA
inrush current
at 115 Vac
at 230 Vac
10
20
A
A
no load power consumption
0.5
W
input fuse
1 A/250 V, slow-blow type (external, required)
OUTPUT
parameter
conditions/description
min
typ
max
units
output current
5%
capacitive load
5 Vdc output models
all other models
220
100
μF
μF
line regulation
at full load
±1.5
%
load regulation
at 5%~100% load
±2.5
%
voltage set accuracy
5 Vdc output models
all other models
±10
±5
%
%
hold-up time
at 115 Vac
at 230 Vac
80
300
ms
ms
switching frequency
50
kHz
temperature coefficient
±0.1
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto restart
over current protection
auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, for 1 minute
3,000
Vac
isolation resistance
100
safety approvals
UL60950-1, CE
safety class
Class II
conducted emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
radiated emissions
CISPR22/EN55022 external circuit required, Class A (see figure 2); Class B (see figure 3)
ESD
IEC/EN61000-4-2 Class B, contact ±4 kV
radiated immunity
IEC/EN61000-4-3 Class A, 10V/m (external circuit required, see figure 3)
EFT/burst
IEC/EN61000-4-4 Class B, ±2 kV (external circuit required, see figure 2)
IEC/EN61000-4-4 Class B, ±4 kV (external circuit required, see figure 3)
surge
IEC/EN61000-4-5 Class B, ±1 kV/±2 kV (external circuit required, see figure 3)
conducted immunity
IEC/EN61000-4-6 Class A, 3 Vr.m.s (external circuit required, see figure 3)
PFM
IEC/EN61000-4-8 Class A, 10 A/m
voltage dips & interruptions
IEC/EN61000-4-11 Class B, 0%-70%
MTBF
at 25°C, max. load
300,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.


Similar Part No. - PBK-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBK-1 CUI-PBK-1 Datasheet
543Kb / 7P
   AC-DC POWER SUPPLY
PBK-1 CUI-PBK-1 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
02/02/2018
PBK-1-12 CUI-PBK-1-12 Datasheet
394Kb / 6P
   AC-DC POWER SUPPLY
PBK-1-12 CUI-PBK-1-12 Datasheet
543Kb / 7P
   AC-DC POWER SUPPLY
PBK-1-12 CUI-PBK-1-12 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
02/02/2018
More results

Similar Description - PBK-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com