Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A28J2H-GA Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A28J2H-GA
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A28J2H-GA Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  A28J2H-GA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A28J2H-GA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
A6
A
www.nkkswitches.com
Cap
Colors
Paddle
Colors
A
Black
A
B
White
B
C
Red
C
---
Yellow
E
---
Green
F
---
Blue
G
---
Gray
H
Poles
1
SPST
SPDT
2
DPDT
SP3T
1
A
SPDT
ON-NONE-ON Circuit
PC Terminals
P
Straight
B
Straight with Bracket
B1
Straight with Inline Bracket
(Single Pole only)
H
Right Angle with Bracket
V
Vertical with Bracket
V1
Vertical with Inline Bracket
(Single Pole only)
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
A12JV
J
.248” (6.3mm) Long
Bat Toggle
Optional Caps
G
.394” (10.0mm) Bat Lever Cap
J
.248” (6.3mm) Bat Lever Cap
Paddles
A
Short Paddle for K Toggle
B
Long Paddle for K Toggle
V
Toggles
A
.394” (10.0mm) Bat
J
.248” (6.3mm) Bat
J2
.248” (6.3mm) Antistatic Bat
E
.394” (10.0mm) Flatted
H
.248” (6.3mm) Flatted
K
Snap Top for A or B Paddle
Vertical PC Terminals
Circuits
1
OFF
NONE
ON
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
R
(ON) NONE
ON
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
S
(ON)
OFF
ON
4
ON
ON
ON
6
(ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*
TYPICAL SWITCH ORDERING EXAMPLE


Similar Part No. - A28J2H-GA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A28J2 NKK-A28J2 Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
More results

Similar Description - A28J2H-GA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com