Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29J2H-GA Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A29J2H-GA
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A29J2H-GA Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  A29J2H-GA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A29J2H-GA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
A7
A
www.nkkswitches.com
TOGGLES
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
A11
OFF
NONE
ON
OPEN
OPEN
3-1
SPST
SP
A12
A13
A15
A1R
A18
A19
A1S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3
OPEN
2-1
SPDT
DP
A22
A23
A25
A2R
A28
A29
A2S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
For 3 Throw (3-on)
Connected Terminals & Schematics
External Connection
Pole
Model
Up
Center
Down
SP
A24
A26
A27
ON
(ON)
ON
2-3 5-6
ON
ON
ON
2-3 5-4
ON
(ON)
(ON)
2-1 5-4
.394” (10.0mm) Bat
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
25
(COM)
A
Slot
Slot
3
1
INTERNAL
CONNECTION
36
25
4
1
Common
(in)
(out)
(out)
(out)
External
Conn
Standard Material & Finish: Brass with Bright Nickel
Material & Finish for J2: Matte finish black glass fiber reinforced polyamide
.248” (6.3mm) Bat
J
J2
.248” (6.3mm) Antistatic Bat
(10.0)
.394
26°
(2.6) Dia
.102
26°
(2.6) Dia
.102
(6.3)
.248
26°
(2.1) Dia
.083
(6.3)
.248
E
H
K
.394” (10.0mm) Flatted
.248” (6.3mm) Flatted
Snap Top for Paddles
(2.7)
.106
26°
(1.6)
.063
(10.0)
.394
(2.6)
.102
(6.3)
.248
(1.6)
.063
26°
(2.5)
.098
26°
(5.0)
.197
(1.6)
.063
Dissipating 20Kv ESD: Straight PC
Dissipating 10Kv ESD: Straight PC
with Bracket, Right Angle, & Vertical
The SP3T model utilizes
a double pole base.
External
connections
must be made
during field
installation.
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Similar Part No. - A29J2H-GA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A29J2 NKK-A29J2 Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
More results

Similar Description - A29J2H-GA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com