Electronic Components Datasheet Search |
|
TPA6204A1DRB Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPA6204A1DRB Datasheet(HTML) 4 Page - Texas Instruments |
4 / 15 page TPA6204A1 SLOS429 − MAY 2004 www.ti.com 4 TYPICAL CHARACTERISTICS TABLE OF GRAPHS FIGURE PO Output power vs Supply voltage 1 PO Output power vs Load resistance 2 PD Power dissipation vs Output power 3 vs Output power 4 THD+N Total harmonic distortion + noise vs Frequency 5 THD+N Total harmonic distortion + noise vs Common-mode input voltage 6 KSVR Supply voltage rejection ratio vs Frequency 7 GSM Power supply rejection vs Time 8 GSM Power supply rejection vs Frequency 9 Closed loop gain/phase vs Frequency 10 Open loop gain/phase vs Frequency 11 IDD Supply current vs Supply voltage 12 IDD Supply current vs Shutdown voltage 13 Start-up time vs Bypass capacitor 14 Figure 1 0 0.5 1 1.5 2 2.5 3 3.5 2.5 3 3.5 4 4.5 5 VDD − Supply Voltage − V OUTPUT POWER vs SUPPLY VOLTAGE f = 1 kHz Gain = 1 V/V PO = 8 Ω, THD 1% PO = 8 Ω, THD 10% Figure 2 RL − Load Resistance − Ω OUTPUT POWER vs LOAD RESISTANCE 0 0.5 1 1.5 2 2.5 3 3.5 813 18 23 28 VDD = 5 V, THD 1% VDD = 2.5 V, THD 10% VDD = 2.5 V, THD 1% VDD = 5 V, THD 10% VDD = 3.6 V, THD 10% VDD = 3.6 V, THD 1% f = 1 kHz Gain = 1 V/V |
Similar Part No. - TPA6204A1DRB |
|
Similar Description - TPA6204A1DRB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |