Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRS50-HAA0-K22 Datasheet(PDF) 5 Page - SICK AG

Part # SRS50-HAA0-K22
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SRS50-HAA0-K22 Datasheet(HTML) 5 Page - SICK AG

  SRS50-HAA0-K22 Datasheet HTML 1Page - SICK AG SRS50-HAA0-K22 Datasheet HTML 2Page - SICK AG SRS50-HAA0-K22 Datasheet HTML 3Page - SICK AG SRS50-HAA0-K22 Datasheet HTML 4Page - SICK AG SRS50-HAA0-K22 Datasheet HTML 5Page - SICK AG SRS50-HAA0-K22 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SRS50-HAA0-K22 | SRS/SRM50
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
PIN assignment
PIN
Signal
Farbe der Adern
Erklärung
1
Us
rot
7 … 12 V Versorgungsspannung
2
GND
blau
Masseanschluss
3
REFSIN
braun
Prozessdatenkanal
4
REFCOS
schwarz
Prozessdatenkanal
5
Daten +
grau oder gelb
RS-485-Parameterkanal
6
Daten –
grün oder violett
RS-485-Parameterkanal
7
+ SIN
weiß
Prozessdatenkanal
8
+ COS
rosa
Prozessdatenkanal
1
5
2
6
3
7
4
8
Diagram
Signal diagram for clockwise rotation of the shaft looking in direction "A" (see dimensional drawing)1 period = 360 ° : 1024
Recommended accessories
Other models and accessories
www.sick.com/SRS_SRM50
Brief description
Type
Part no.
Plug connectors and cables
Head A: cable
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, halogen-free, shielded
LTG-2708-MW
6028361
Head A: female connector, M23, 12-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJB2
2071328
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJB6
2071327
Head A: female connector, M12, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJC1
2071329
Head A: female connector, terminal box, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: HIPERFACE®, unshielded, 1 m
DSL-2317-G01MJC6
2071330
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
2017-05-10 11:53:11 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Similar Part No. - SRS50-HAA0-K22

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRS50-HAA0-K21 SICK-SRS50-HAA0-K21 Datasheet
1Mb / 6P
   OTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SRS50-HAA0-K22

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com