Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH82 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH82
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH82 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH82 Datasheet HTML 1Page - STMicroelectronics TSH82 Datasheet HTML 2Page - STMicroelectronics TSH82 Datasheet HTML 3Page - STMicroelectronics TSH82 Datasheet HTML 4Page - STMicroelectronics TSH82 Datasheet HTML 5Page - STMicroelectronics TSH82 Datasheet HTML 6Page - STMicroelectronics TSH82 Datasheet HTML 7Page - STMicroelectronics TSH82 Datasheet HTML 8Page - STMicroelectronics TSH82 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TSH80-TSH81-TSH82
Absolute Maximum Ratings
3/23
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
±2V
Vi
Input Voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3V
±6V
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO8
TSSOPO8
4.
Short-circuits can cause excessive heating
80
28
37
°C/W
Rthja
Thermal resistance junction to ambient area
SOT23-5
SO8
TSSOPO8
250
157
130
°C/W
ESD
Human Body Model
2
kV
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V
Standby
(VCC
-) to (V
CC
+)
V


Similar Part No. - TSH82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH82 STMICROELECTRONICS-TSH82 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
TSH82 STMICROELECTRONICS-TSH82 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH82 STMICROELECTRONICS-TSH82 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TSH82ID STMICROELECTRONICS-TSH82ID Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH82ID/DT STMICROELECTRONICS-TSH82ID/DT Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
More results

Similar Description - TSH82

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com