Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH80IYD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH80IYD
Description  Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH80IYD Datasheet HTML 5Page - STMicroelectronics TSH80IYD Datasheet HTML 6Page - STMicroelectronics TSH80IYD Datasheet HTML 7Page - STMicroelectronics TSH80IYD Datasheet HTML 8Page - STMicroelectronics TSH80IYD Datasheet HTML 9Page - STMicroelectronics TSH80IYD Datasheet HTML 10Page - STMicroelectronics TSH80IYD Datasheet HTML 11Page - STMicroelectronics TSH80IYD Datasheet HTML 12Page - STMicroelectronics TSH80IYD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TSH80-TSH81-TSH82
Electrical Characteristics
9/23
Table 5.
Standby mode
VCC
+, V
CC
-, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vlow
Standby Low Level
VCC
-
(VCC
- +0.8)
V
Vhigh
Standby High Level
(VCC
- +2)
(VCC
+)
V
ICC SBY
Current Consumption per
Operator when STANDBY is
Active
pin 8 (TSH81) to VCC
-
20
55
µA
Zout
Output Impedance (Rout//
Cout)
Rout
Cout
10
17
M
pF
Ton
Time from Standby Mode to
Active Mode
2
µs
Toff
Time from Active Mode to
Standby Mode
Down to ICC SBY =
10
µA
10
µs
TSH81 STANDBY CONTROL pin 8 (SBY)
OPERATOR STATUS
Vlow
Standby
Vhigh
Active


Similar Part No. - TSH80IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH80IYD STMICROELECTRONICS-TSH80IYD Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH80IYD/IYDT STMICROELECTRONICS-TSH80IYD/IYDT Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TSH80IYDT STMICROELECTRONICS-TSH80IYDT Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
More results

Similar Description - TSH80IYD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
   Wide band rail-to-rail operational amplifier with standby function
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
   Wide band rail-to-rail operational amplifier with standby function
TS902 STMICROELECTRONICS-TS902 Datasheet
105Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
April 1999
TS904 STMICROELECTRONICS-TS904 Datasheet
108Kb / 12P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
April 1999
TS902 STMICROELECTRONICS-TS902_01 Datasheet
122Kb / 8P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER WITH STANDBY POSITION
TSH70 STMICROELECTRONICS-TSH70 Datasheet
1Mb / 25P
   WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
TS3V902 STMICROELECTRONICS-TS3V902 Datasheet
120Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER (WITH STANDBY POSITION)
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
   Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
   Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com