Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H48SA53010 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # H48SA53010
Description  Industry standard pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button H48SA53010 Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 9Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 10Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 11Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 12Page - Delta Electronics, Inc. H48SA53010 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS_H48SA53010_10212014
10
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the thermal
performance of the power module is a wind tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in heated
vertical wind tunnels that simulate the thermal environments
encountered in most electronics equipment. This type of
equipment commonly uses vertically mounted circuit cards in
cabinet racks in which the power modules are mounted.
The following figure shows the wind tunnel characterization
setup. The power module is mounted on a test PWB and is
vertically positioned within the wind tunnel. The space
between the neighboring PWB and the top of the power
module is constantly kept at 6.35mm (0.25’’).
Thermal De-rating
Heat can be removed by increasing airflow over the module.
The module
’s maximum device temperature is to be defined
and the measured location is illustrated in Figure 19.
To
enhance system reliability, the power module should always
be operated below the maximum operating temperature. If
the temperature exceeds the maximum module temperature,
reliability of the unit may be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 19: Wind tunnel test setup
THERMAL CURVES
(WITH HEATSPREADER)
Figure 20: Temperature measurement location *
The allowed maximum hot spot temperature is defined at 108
H48SA53010(Standard) Output Power vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation,With Heatspreader)
0
50
100
150
200
250
300
350
400
450
500
550
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
100LFM
300LFM
200LFM
Ambient Temperature (℃)
Output Power (W)
600LFM
500LFM
400LFM
Figure 21: Output Power vs. ambient temperature and air velocity
@ Vin=48V, Vout=54V (Either Orientation)


Similar Part No. - H48SA53010

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA53010NKFA DELTA-H48SA53010NKFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SA53010NKFH DELTA-H48SA53010NKFH Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SA53010NNFA DELTA-H48SA53010NNFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SA53010NNFH DELTA-H48SA53010NNFH Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
H48SA53010NRFA DELTA-H48SA53010NRFA Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
More results

Similar Description - H48SA53010

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com