Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C154J5JACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C154J5JACTU
Description  Ceramic, Commercial-(CxxxxC), 0.15 uF, 5%, 50 V, 1206, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C154J5JACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C154J5JACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - f962823e-7ede-4c85-a65c-2f654fc6f958
KEMET Part Number: C1206C154J5JACTU
(C1206C154J5JAC7800)
Ceramic, Commercial-(CxxxxC), 0.15 uF, 5%, 50 V, 1206, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.20mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for U2J
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.15 uF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: U2J
Dissipation Factor: 0.1%
Aging Rate: 0.1% Loss/Decade Hour
Insulation Resistance: 6.667 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C154J5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C154J5RACTU KEMET-C1206C154J5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.15 uF, 5%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C154J5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C473J5JACTU KEMET-C1206C473J5JACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 5%, 50 V, 1206, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1206C154M5JACTU KEMET-C1206C154M5JACTU Datasheet
72Kb / 1P
   SMD Comm U2J, Ceramic, 0.15 uF, 20%, 50 V, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C154K5JACTU KEMET-C1206C154K5JACTU Datasheet
72Kb / 1P
   SMD Comm U2J, Ceramic, 0.15 uF, 10%, 50 V, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C154F5JACTU KEMET-C1206C154F5JACTU Datasheet
72Kb / 1P
   SMD Comm U2J, Ceramic, 0.15 uF, 1%, 50 V, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C154G5JACTU KEMET-C1206C154G5JACTU Datasheet
72Kb / 1P
   SMD Comm U2J, Ceramic, 0.15 uF, 2%, 50 V, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C154J3JACTU KEMET-C1206C154J3JACTU Datasheet
72Kb / 1P
   SMD Comm U2J, Ceramic, 0.15 uF, 5%, 25 V, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1206
C1206C224J3JACTU KEMET-C1206C224J3JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.22 uF, 5%, 25 V, 1206, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C473J5JACTU KEMET-C0805C473J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.047 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C224J5JACTU KEMET-C1210C224J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.22 uF, 5%, 50 V, 1210, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1210C274J5JACTU KEMET-C1210C274J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.27 uF, 5%, 50 V, 1210, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com