Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM24S0B0 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # IPM24S0B0
Description  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0B0 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  IPM24S0B0 Datasheet HTML 1Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 2Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0B0 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS_IPM24S0B0_02262013
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current
(3.30V output voltage)
Figure 2: Converter efficiency vs. output current
(4.0V output voltage)
Figure 3: Converter efficiency vs. output current
(5.0V output voltage)
Figure 4: Converter efficiency vs. output current
(6.5V output voltage)
Figure 5: Output ripple & noise at 12Vin, 3.3V/3A out
Figure 6: Output ripple & noise at 24Vin, 3.3V/3A out
54.0
59.0
64.0
69.0
74.0
79.0
84.0
89.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
54.0
58.0
62.0
66.0
70.0
74.0
78.0
82.0
86.0
90.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
60.0
64.0
68.0
72.0
76.0
80.0
84.0
88.0
92.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V
63.0
67.0
71.0
75.0
79.0
83.0
87.0
91.0
95.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Iout (A)
Vin=11V
Vin=12V
Vin=24V
Vin=36V


Similar Part No. - IPM24S0B0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0B0R03FA DELTA-IPM24S0B0R03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
IPM24S0B0S DELTA-IPM24S0B0S Datasheet
690Kb / 12P
   Output short circuit protection
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
More results

Similar Description - IPM24S0B0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com