Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM04S0A0R10FA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # IPM04S0A0R10FA
Description  Output short circuit protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04S0A0R10FA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  IPM04S0A0R10FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04S0A0R10FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
IPM12S0A0R/S08_03202007
FEATURES
High efficiency: 93% @ 12Vin, 5V/8A out
Small size and low profile:
17.8x15.0x7.8mm (0.70
”x0.59”x0.31”)
Output voltage adjustment: 0.8V~5V
Monotonic startup into normal and
pre-biased loads
Input UVLO, output OCP
Remote ON/OFF
Output short circuit protection
Fixed frequency operation
Mositure Sensitivity Level (MSL) 3
Copper pad to provide excellent thermal
performance
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
SMD or SIP package
Delphi Series IPM, Non-Isolated, Integrated
Point-of-Load Power Modules: 8V~14V input,
0.8~5V and 8A Output Current
The
Delphi
Series
IPM12S
non-isolated,
fully
integrated
Point-of-Load (POL) power modules, are the latest offerings from a
world leader in power systems technology and manufacturing --
Delta Electronics, Inc. This product family provides up to 8A of
output current or 40W of output power in an industry standard,
compact, IC-like, molded package. It is highly integrated and does
not require external components to provide the point-of-load
function. A copper pad on the back of the module; in close contact
with the internal heat dissipation components; provides excellent
thermal performance. The assembly process of the modules is fully
automated with no manual assembly involved. These converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
IPM12S operates from an 8V~14V source and provides a
programmable output voltage of 0.8V to 5V. The IPM product family
is available in both a SMD or SIP package. IPM family is also
available for input 3V~5.5V, please refer to IPM04S datasheet for
details.


Similar Part No. - IPM04S0A0R10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
761Kb / 15P
   Output voltage adjustment: 0.9V~3.3V
IPM04S0A0R10FA DELTA-IPM04S0A0R10FA Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results

Similar Description - IPM04S0A0R10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com