Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPM04S0A0S10FA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # IPM04S0A0S10FA
Description  Output short circuit protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM04S0A0S10FA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  IPM04S0A0S10FA Datasheet HTML 1Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 2Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 3Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 4Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 5Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 6Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 7Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 8Page - Delta Electronics, Inc. IPM04S0A0S10FA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS_IPM12S0A008_03202007
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 300 LFM, Vin = 12Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
IPM12S0A0R/S08FA
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
15
Vdc
Operating Temperature
Refer to figure 34 for measuring point
-40
+113
°C
Storage Temperature
-55
+125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
8
12
14
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
7.9
V
Turn-Off Voltage Threshold
7.6
V
Maximum Input Current
Vin=Vin,min to Vin,max, Io=Io,max
4.5
A
No-Load Input Current
85
mA
Off Converter Input Current
3
10
mA
Input Reflected-Ripple Current
P-P 1µH inductor, 5Hz to 20MHz
20
40
mAp-p
Input Voltage Ripple Rejection
120 Hz
TBD
dB
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=12V, Io=Io,max, Ta=25℃
0.889
0.900
0.911
Vdc
Output Voltage Adjustable Range
0.8
5
V
Output Voltage Regulation
Over Line
Vin=Vin,min to Vin,max
0.1
% Vo,set
Over Load
Io=Io,min to Io,max
0.3
% Vo,set
Over Temperature
Ta=Ta,min to Ta,max
0.01
0.025
%Vo,set/℃
Total Output Voltage Range
Over sample load, line and temperature
-3.0
+3.0
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF ceramic, 10µF tantalum
40
60
mVp-p
RMS
Full Load, 1µF ceramic, 10µF tantalum
15
30
mV
Output Current Range
Vo≦3.6Vdc
0
8
A
Vo>3.6Vdc
0
6
A
Output Voltage Over-shoot at Start-up
Vin=10V to 14V, Io=0A to 16A, Ta=25℃
0
1
% Vo,set
Output DC Current-Limit Inception
200
% Io
DYNAMIC CHARACTERISTICS
Dynamic Load Response
10µF Tan & 1µF Ceramic load cap, 2.5A/µs
Positive Step Change in Output Current
50% Io, max to 100% Io, max
100
150
mVpk
Negative Step Change in Output Current
100% Io, max to 50% Io, max
100
150
mVpk
Setting Time to 10% of Peak Devitation
40
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
17
25
ms
Start-Up Time, From Input
17
25
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set,
5
9
15
ms
Maximum Output Startup Capacitive Load
Full load; ESR ≧
1mΩ
1500
µF
Full load; ESR ≧
10mΩ
5000
µF
EFFICIENCY
Vo=0.9V
Vin=12V, Io=Io,max, Ta=25℃
73
75.0
%
Vo=1.2V
Vin=12V, Io=Io,max, Ta=25℃
78
80.5
%
Vo=1.5V
Vin=12V, Io=Io,max, Ta=25℃
80
83.0
%
Vo=1.8V
Vin=12V, Io=Io,max, Ta=25℃
83
85.0
%
Vo=2.5V
Vin=12V, Io=Io,max, Ta=25℃
86
88.5
%
Vo=3.3V
Vin=12V, Io=Io,max, Ta=25℃
88
91.0
%
Vo=5.0V
Vin=12V, Io=Io,max, Ta=25℃
91
93.0
%
FEATURE CHARACTERISTICS
Switching Frequency
485
kHz
ON/OFF Control, (Logic High-Module ON)
Logic High
Module On
2.4
Vin,max
V
Logic Low
Module Off
-0.2
0.8
V
ON/OFF Current
Ion/off at Von/off=0
0.25
1
mA
Leakage Current
Logic High, Von/off=5V
50
µA
GENERAL SPECIFICATIONS
MTBF
Io=80% Io,max, Ta=25℃
20
M hours
Weight
6
grams


Similar Part No. - IPM04S0A0S10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM04S0A0S10FA DELTA-IPM04S0A0S10FA Datasheet
644Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 3V~5.5V input, 0.8~3.3V and 10A Output Current
IPM04S0A0S10FA DELTA-IPM04S0A0S10FA Datasheet
656Kb / 15P
   Delphi Series IPM, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~14V input, 0.8~5V and 8A Output Current
IPM04S0A0S10FA DELTA-IPM04S0A0S10FA Datasheet
761Kb / 15P
   Output voltage adjustment: 0.9V~3.3V
IPM04S0A0S10FA DELTA-IPM04S0A0S10FA Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
More results

Similar Description - IPM04S0A0S10FA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com