Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC06 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # NC06
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC06 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button NC06 Datasheet HTML 3Page - Delta Electronics, Inc. NC06 Datasheet HTML 4Page - Delta Electronics, Inc. NC06 Datasheet HTML 5Page - Delta Electronics, Inc. NC06 Datasheet HTML 6Page - Delta Electronics, Inc. NC06 Datasheet HTML 7Page - Delta Electronics, Inc. NC06 Datasheet HTML 8Page - Delta Electronics, Inc. NC06 Datasheet HTML 9Page - Delta Electronics, Inc. NC06 Datasheet HTML 10Page - Delta Electronics, Inc. NC06 Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS_NC12S06A_01102008
7
DESIGN CONSIDERATIONS
The NC06 is a single phase and voltage mode controlled
Buck topology. Block diagram of the converter is shown in
Figure 23. The output can be trimmed in the range of
0.9Vdc to 5.0Vdc by a resistor from Trim pin to Ground.
The converter can be turned ON/OFF by remote control.
Positive on/off (ENABLE pin) logic implies that the
converter DC output is enabled when this signal is driven
high (greater than 2.4V) or floating and disabled when the
signal is driven low (below 0.8V). Negative on/off logic is
optional and could also be ordered.
The converter provides an open collector signal called
Power Good. The power good signal is pulled low when
output is not within ±10% of Vout or Enable is OFF.
The converter can protect itself by entering hiccup mode
against over current and short circuit condition. Also, the
converter will shut down when an over voltage protection
is detected.
Figure 23: Block Diagram
Safety Considerations
It is recommended that the user to provide a very
fast-acting type fuse in the input line for safety. The output
voltage set-point and the output current in the application
could define the amperage rating of the fuse.
FEATURES DESCRIPTIONS
ENABLE (On/Off)
The ENABLE (on/off) input allows external circuitry to put
the NC converter into a low power dissipation (sleep)
mode. Positive (active-high) ENABLE is available as
standard.
Positive ENABLE (active-high) units of the NC series are
turned on if the ENABLE pin is high or floating. Pulling the
pin low will turn off the unit. With the active high function,
the output is guaranteed to turn on if the ENABLE pin is
driven above 2.4V. The output will turn off if the ENABLE
pin voltage is pulled below .8V.
The ENABLE input can be driven in a variety of ways as
shown in Figures 24, 25 and 26. If the ENABLE signal
comes from the primary side of the circuit, the ENABLE
can be driven through either a bipolar signal transistor
(Figure 24) or a logic gate (Figure 25). If the enable signal
comes from the secondary side, then an opto-coupler or
other isolation devices must be used to bring the signal
across the voltage isolation (please see Figure 26).
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 24: Enable Input drive circuit for NC series
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
5V
Figure 25: Enable input drive circuit using logic gate.
NC6A/15A/20A
Vout
Ground
Trim
Enable
Ground
Vin
Figure 26: Enable input drive circuit example with isolation.


Similar Part No. - NC06

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
NC003TG DOINGTER-NC003TG Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
NC005PG DOINGTER-NC005PG Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
logo
Fujitsu Component Limit...
NC01520 FUJITSU-NC01520 Datasheet
264Kb / 2P
   5-Wire Touch Panel
NC01850-B045RS FUJITSU-NC01850-B045RS Datasheet
391Kb / 2P
   Dual-Touch (2-finger) Control Board Quick Reference : 4-WIRE USB
logo
List of Unclassifed Man...
NC0805KA502KB ETC2-NC0805KA502KB Datasheet
161Kb / 1P
   SMD CHIP THERMISTOR 0805 SIZE
More results

Similar Description - NC06

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com