Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC12S0A0V15PNFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # NC12S0A0V15PNFA
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V15PNFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button NC12S0A0V15PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 9Page - Delta Electronics, Inc. NC12S0A0V15PNFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NC12S15A_12022010
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 19: Typical transient response to step load change at
10A/μS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 0.9V out
Figure 20: Typical transient response to step load change at
10A/μS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 1.2V out
Figure 21: Typical transient response to step load change at
10A/μS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 2.5V out
Figure 22: Typical transient response to step load change at
10A/μS from 50% to 75% and 75% to 50% of Io_max at
12Vin, 5.0V out


Similar Part No. - NC12S0A0V15PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
880Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
781Kb / 14P
   Delphi NC15 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 15A
NC12S0A0V15PNFA DELTA-NC12S0A0V15PNFA Datasheet
1Mb / 14P
   Fixed frequency operation
More results

Similar Description - NC12S0A0V15PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com