Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM05S065A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PM05S065A
Description  SIP3, Single Output, Switching Regulator 0.5A, Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PM05S065A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PM05S065A Datasheet HTML 1Page - Delta Electronics, Inc. PM05S065A Datasheet HTML 2Page - Delta Electronics, Inc. PM05S065A Datasheet HTML 3Page - Delta Electronics, Inc. PM05S065A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_PM05S_11212014
E-mail:
dcdc@deltaww.com
http:// www.deltaww.com/dcdc
P3
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
Convection
20LFM
C
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Ripple & Noise measurement bandwidth is 0-20 MHz.
3
All DC/DC converters should be externally fused at the front end for protection.
4
Other input and output voltage may be available, please contact factory.
5
The PM05S series can meet EN61000-4-4 by adding a capacitor across the input pins. Suggested capacitor CHEMI-CON KY
330
μF/100V.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
It needs to increase 1V for Vin(min) under high and low temperature.
8
Specifications are subject to change without notice.
EMI-Filter to meet EN 55022, class A, class B; FCC part 15 ,level A
Class
Model
C1
C2
C3
L1
Class
A
PM05S series
---
4.7μF/50V 1206
MLCC
4.7μF/50V 1206
MLCC
Wurth Elektronik
NO. 744774033
Class
B
PM05S series
4.7μF/50V 1206
MLCC
4.7μF/50V 1206
MLCC
4.7μF/50V 1206
MLCC
Wurth Elektronik
NO. 74477410
M78A Module
L1
C3
C2
C1
+Vin
GND
+Vout
Load


Similar Part No. - PM05S065A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S065A DELTA-PM05S065A Datasheet
329Kb / 5P
   SIP3, Single Output, Switching Regulator 0.5A,
More results

Similar Description - PM05S065A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S015A DELTA-PM05S015A Datasheet
329Kb / 5P
   SIP3, Single Output, Switching Regulator 0.5A,
logo
Recom International Pow...
R-78E-0.5 RECOM-R-78E-0.5 Datasheet
368Kb / 3P
   500mA SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com