Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q36SR12017NKFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # Q36SR12017NKFA
Description  Industry standard footprint and pin out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q36SR12017NKFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  Q36SR12017NKFA Datasheet HTML 1Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 2Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 3Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 4Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 5Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 6Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 7Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 8Page - Delta Electronics, Inc. Q36SR12017NKFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Q36SR12017_01262014
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above
Figure 9: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage (Vin=48V) with 12µH source
impedance and 33µF electrolytic capacitor (1A/div, 5us/div)
Figure 10: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage (Vin=48V) and rated
load current (20 mA/div, 5us/div)
Figure 11: Output voltage noise and ripple measurement test
setup
Figure 12: Output voltage ripple at nominal input voltage
(Vin=48V) and rated load current (50 mV/div, 2us/div).Load
capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module
Figure 13: Output voltage vs. load current showing typical
current limit curves and converter shutdown points (Vin=48V)
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
0
0
0


Similar Part No. - Q36SR12017NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
Q36SR12017NKFA DELTA-Q36SR12017NKFA Datasheet
713Kb / 14P
   Input Source Impedance
More results

Similar Description - Q36SR12017NKFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA DELTA-S48SA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com