Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD914TS_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMBD914TS_R1_00001
Description  SURFACE MOUNT SWITCHING DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD914TS_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMBD914TS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. MMBD914TS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. MMBD914TS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. MMBD914TS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. MMBD914TS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. MMBD914TS_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PMMBD914TS
May 31,2016-REV.03
Page 1
0.20 MIN.
0.034(0.85)
0.029(0.75)
0.014(0.35)
0.009(0.25)
0.006(0.15)
0.002(0.05)
0.026(0.65)
0.021(0.55)
0.067(1.70)
0.059(1.50)
0.050(1.25)
0.045(1.15)
SURFACE MOUNT SWITCHING DIODES
Voltage
100 V
Power
200 mW
Features
Very fast reverse recovery (Trr < 2ns typical)
Low capacitance (2pF @0V typical)
Surface mount package Ideally suited for automatic insertion
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std..
(Halogen Free)
Mechanical Data
Case: SOD-523 plastic case
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.00005 ounces, 0.0014 grams
Marking: T1
Note : 1.FR-4 Boand = 70 x 60 x 1mm
ABSOLUTE RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Reverse Voltage
VR
100
V
Peak Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
0.2
A
Non-repetitive Peak Forward Surge Current at t=1
s
IFSM
4
A
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation (Note 1)
PTOT
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
635
oC/W
Junction Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC


Similar Part No. - MMBD914TS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD914TS PANJIT-MMBD914TS Datasheet
183Kb / 4P
   SURFACE MOUNTSWITCHINGDIODE
More results

Similar Description - MMBD914TS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com