Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SC12050 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # Q48SC12050
Description  600W DC/DC Power Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SC12050 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  Q48SC12050 Datasheet HTML 1Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 2Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 3Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 4Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 5Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 6Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 7Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 8Page - Delta Electronics, Inc. Q48SC12050 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS_Q48SC12050_04072017
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=400 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SC12050
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
0
75
Vdc
Transient (100ms)
100ms
100
Vdc
On/off Pin Voltage
-50
50
V
Other Pin Voltage
Trim/Current Sharing, C2, Data, SMBAlert, Clock, Addr1,
Addr0
-0.3
3.6
V
Output negative voltage
0.3
V
Operating ambient Temperature
-40
85
°C
Storage Temperature
-55
125
°C
Input/Output Isolation Voltage
1500
Vdc
INPUT CHARACTERISTICS
Operating Input Voltage
36
48
75
Vdc
Input Under-Voltage Lockout
Turn-On Voltage Threshold
(Adjustable via PMBus, VIN_ON)
34
36
Vdc
Turn-Off Voltage Threshold
(Adjustable via PMBus, VIN_OFF)
31
34
Vdc
Lockout Hysteresis Voltage
2
Vdc
Maximum Input Current
Vin=36V, 100% Load
19
A
No-Load Input Current
Vin=48V
80
110
140
mA
Off Converter Input Current
Vin=48V
10
18
26
mA
Input Capacitance
100
uF
Inrush Current (I
2t)
1
A2S
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
60
mA
Input Voltage Ripple Rejection
120Hz
50
dB
OUTPUT CHARACTERISTICS
The module without droop current sharing option code
Output Voltage Set Point
(Adjustable via PMBus)
Vin=48V, Io=0A , Ta=25°C
11.88
12
12.12
Vdc
Output Voltage Regulation
Over Line
Vin=36V to 75V, Io=100% load
±40
mV
Over Load
Vin=36V to 75V,
Io=Io,min to Io,max
±40
mV
Over tempearture
Vin=36V to 75V, Io=100% load, Ta= -40C to 85C
±120
mV
The module with droop current sharing option code
Output Voltage Set Point
(Adjustable via PMBus)
Vin=48V, Io=0A , Ta=25°C
12.28
12.4
12.52
Vdc
Output Voltage Regulation
Over Line
Vin=36V to 75V, Io=100% load
±40
mV
Over Load
Vin=36V to 75V,
Io=Io,min to Io,max
-850
-680
mV
Over tempearture
Vin=36V to 75V, Io=100% load, Ta= -40C to 85C
±80
mV
Both with and without droop current sharing option code
Output Voltage Trim and PMBUS Range
Vin=36V to 75V, Pout ≦ max rated power,Io ≦ Io.max
-33.3
+10
%
Output Voltage Remote Sense Range (note 2)
Vin=36V to 75V, Pout ≦ max rated power,Io ≦ Io.max
-5.8
+10
%
Output Over-Voltage Lockout
(Adjustable via PMBus, VOUT_OV_FAULT_LIMIT)
15.2
Vdc
Operating Output Current Range
Full input voltage range
0
50
A
Output DC Current-Limit Inception
115
135
%
Output Capacitance
300
15000
µF
Output Voltage Ripple and Noise
Vin=48V, Full load, 20MHz bandwidth
Peak-to-Peak
Co= 300uF/16V (polymer ) + 10u/16V (Tantalum Capacitor)
+1u/16V (Ceramic )
75
110
mV
RMS
Co= 300uF/16V (polymer ) + 10u/16V (Tantalum Capacitor)
+1u/16V (Ceramic )
22
32
mV
DYNAMIC CHARACTERISTICS
Output Voltage Current Transient
Vin=48V, Load Slew rate 0.1A/µs with a 1uF ceramic ,
a 10uF tantalum, and a 300uF polymer capacitor
Positive Step Change in Output Current
50% Io.max to 75% Io.max
350
500
mV
Negative Step Change in Output Current
75% Io.max to 50% Io.max
-500
-350
mV
Settling Time (within 1% Vout nominal)
500
µs
Turn-On Transient
(Adjustable via PMBus)
Start-Up Time, From On/Off Control
From On/off to 90%Vo final value
55
ms
Start-Up Time, From Input
From Input to 90%Vo final value
75
ms
Output voltage Rise Time
From 10%Vo final value to 90%Vo final value
30
ms
EFFICIENCY
100% Load
Vin=48V
94.2
%
60% Load
Vin=48V
95.6
%
ISOLATION CHARACTERISTICS
Input
to Output
1500
Vdc
Isolation Resistance
10
Isolation Capacitance
6800
pF


Similar Part No. - Q48SC12050

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NNA DELTA-Q48SC12008NNA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NRA DELTA-Q48SC12008NRA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
Q48SC12025NNDH DELTA-Q48SC12025NNDH Datasheet
1Mb / 28P
   300W DC/DC Power Modules
More results

Similar Description - Q48SC12050

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
logo
DENSEI-LAMBDA
PH600S280 LAMBDA-PH600S280 Datasheet
84Kb / 2P
   Single output 300W ~ 600W DC-DC power module?
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
Delta Electronics, Inc.
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
V48SC3R315 DELTA-V48SC3R315 Datasheet
906Kb / 15P
   50W DC/DC Power Modules
V48SC3R320 DELTA-V48SC3R320_14 Datasheet
888Kb / 16P
   66W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com