Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK30MLI066P Datasheet(PDF) 2 Page - Semikron International

Part # SK30MLI066P
Description  3-Level NPC Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SK30MLI066P Datasheet(HTML) 2 Page - Semikron International

  SK30MLI066P Datasheet HTML 1Page - Semikron International SK30MLI066P Datasheet HTML 2Page - Semikron International SK30MLI066P Datasheet HTML 3Page - Semikron International SK30MLI066P Datasheet HTML 4Page - Semikron International SK30MLI066P Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SK 30 MLI 066p
2
Rev. 2 – 07.10.2014
© by SEMIKRON
td(on)
VCC = 300 V
IC =30A
VGE = +15/-7 V
di/dton = 2335 A/µs
di/dtoff =2335 A/µs
RG on =25 Ω
RG off =25 Ω
Tj =150 °C
24
ns
tr
Tj =150 °C
27
ns
Eon
Tj =150 °C
0.97
mJ
td(off)
Tj =150 °C
328
ns
tf
Tj =150 °C
54
ns
Eoff
Tj =150 °C
1.77
mJ
Rth(j-s)
per IGBT
1.65
K/W
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC
IF =30A
chiplevel
Tj =25 °C
1.50
1.65
V
Tj =150 °C
1.50
1.65
V
VF0
Tj =25 °C
11.1
V
Tj =150 °C
0.8
0.9
V
rF
Tj =25 °C
16.7
20
mΩ
Tj =150 °C
20
23.3
mΩ
IRRM
IF =30A
di/dtoff =2335 A/µs
VGE =-7 V
VR = 300 V
Tj =150 °C
30
A
Qrr
Tj =150 °C
1.6
µC
Err
Tj =150 °C
0.26
mJ
Rth(j-s)
per Diode
2.3
K/W
Clamping diode
VF = VEC
IF =30A
chiplevel
Tj =25 °C
1.50
1.65
V
Tj =150 °C
1.50
1.65
V
VF0
Tj =25 °C
11.1
V
Tj =150 °C
0.8
0.9
V
rF
Tj =25 °C
16.7
20
mΩ
Tj =150 °C
20
23.3
mΩ
IRRM
IF =30A
di/dtoff =2335 A/µs
VGE =-7 V
VR = 300 V
Tj =150 °C
30
A
Qrr
Tj =150 °C
1.6
µC
Err
Tj =150 °C
0.26
mJ
Rth(j-s)
per Diode
2.3
K/W
Module
Ms
to heatsink
2.25
2.5
Nm
w30
g
Temperature Sensor
R100
B100/125
K
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
SEMITOP® 3 Press-Fit
MLI
3-Level NPC Inverter
SK 30 MLI 066p
Features
• One screw mounting module
• Solder free mounting with Press-Fit
terminals
• Fully compatible with other SEMITOP®
Press-Fit types
• Improved thermal performances by
aluminium oxide substrate
• Trench IGBT technology
• CAL technology FWD
• Integrated NTC temperature sensor
• UL recognized, file no. E 63 532
Typical Applications*
•3 Level Inverter
•UPS
Remarks
Dynamic measure: DUT=IGBT (gate
pin1) and Neutral Clamp Diode (cathode
pin16) as free-wheeling diode


Similar Part No. - SK30MLI066P

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK30MLI066 SEMIKRON-SK30MLI066 Datasheet
810Kb / 5P
   IGBT Module
More results

Similar Description - SK30MLI066P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NXH600N65L4Q2F2 ONSEMI-NXH600N65L4Q2F2 Datasheet
2Mb / 21P
   3-Level NPC Inverter Module
November, 2021-Rev. 0
NXH600N65L4Q2F2 ONSEMI-NXH600N65L4Q2F2_V01 Datasheet
2Mb / 21P
   3-Level NPC Inverter Module
November, 2022 - Rev. 3
NXH450N65L4Q2F2 ONSEMI-NXH450N65L4Q2F2 Datasheet
2Mb / 21P
   3-Level NPC Inverter Module
April, 2020 ??Rev. 4
NXH450N65L4Q2F2S1G ONSEMI-NXH450N65L4Q2F2S1G Datasheet
2Mb / 19P
   3-Level NPC Inverter Module
March, 2021 ??Rev. 0
NXH450N65L4Q2F2 ONSEMI-NXH450N65L4Q2F2_V01 Datasheet
2Mb / 21P
   3-Level NPC Inverter Module
February, 2023 - Rev. 11
logo
Vincotech
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
10-PY06NRA041FS-M413FY VINCOTECH-10-PY06NRA041FS-M413FY Datasheet
3Mb / 27P
   Neutral point clamped inverter (NPC)
logo
ON Semiconductor
NXH350N100H4Q2F2P1G ONSEMI-NXH350N100H4Q2F2P1G Datasheet
3Mb / 20P
   Three Level NPC Q2Pack Module
July, 2020 ??Rev. 1
NXH350N100H4Q2F2 ONSEMI-NXH350N100H4Q2F2 Datasheet
1Mb / 18P
   Three Level NPC Q2Pack Module
May, 2020 ??Rev. 1
NXH400N100L4Q2F2SG ONSEMI-NXH400N100L4Q2F2SG Datasheet
1Mb / 22P
   Three Level NPC Q2Pack Module
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com