Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24SP15003 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # S24SP15003
Description  40W Single Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SP15003 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  S24SP15003 Datasheet HTML 1Page - Delta Electronics, Inc. S24SP15003 Datasheet HTML 2Page - Delta Electronics, Inc. S24SP15003 Datasheet HTML 3Page - Delta Electronics, Inc. S24SP15003 Datasheet HTML 4Page - Delta Electronics, Inc. S24SP15003 Datasheet HTML 5Page - Delta Electronics, Inc. S24SP15003 Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S24SP15003 series
40W Single Output DC/DC Converter
Datasheet
E-mail:
dcdc@deltaww.com
DS_S24SP15003_12082014
http://www.deltaww.com/dcdc
P3
ELECTRICAL CHARACTERISTICS CURVES - S24SP15003, 9-36VIN, 15VOUT/2.7A
Efficiency vs. load current for various input voltage at 25°C.
Power dissipation vs. load current at 25°C.
Turn-on transient at full load current (20ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: ON/OFF input: 5V/div.
Turn-on transient at full load current (20 ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: input voltage: 8V/div.
Output voltage ripple at nominal input voltage and max load
current (20 mV/div, 2us/div)
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Bandwidth: 20 MHz.
0
0
0
0
0


Similar Part No. - S24SP15003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results

Similar Description - S24SP15003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
S24SP24002 DELTA-S24SP24002 Datasheet
655Kb / 6P
   40W Single Output DC/DC Converter
S24SP05008 DELTA-S24SP05008 Datasheet
628Kb / 6P
   40W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA40 MEANWELL-SKA40 Datasheet
214Kb / 1P
   40W DC-DC Regulated Single Output Converter
logo
MORNSUN Science& Techno...
VRB2412LD-40WHR3 MORNSUN-VRB2412LD-40WHR3 Datasheet
825Kb / 5P
   40W, Wide input, isolated & regulated single output DC/DC converter
URF1D03LD-40WR3 MORNSUN-URF1D03LD-40WR3 Datasheet
2Mb / 8P
   40W, Ultra wide input, isolated & regulated single output DC/DC converter
logo
TDK Electronics
PXD40 TDK-PXD40 Datasheet
1Mb / 7P
   40W Single and Dual Output DC-DC converters
April 20, 2022 V1
logo
Microdc power Technolog...
WRA1205YQD-40W MICRODC-WRA1205YQD-40W Datasheet
1Mb / 3P
   30W~40W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
LH40-10B03 MORNSUN-LH40-10B03_15 Datasheet
428Kb / 7P
   40W, AC/DC converter
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com