Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR911TJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # UNR911TJ
Description  Silicon PNP epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR911TJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button UNR911TJ Datasheet HTML 4Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 5Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 6Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 7Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 8Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 9Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 10Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 11Page - Panasonic Semiconductor UNR911TJ Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
UNR911xJ Series
SJH00038BED
Cob  VCB
IO  VIN
VIN  IO
Cob  VCB
IO  VIN
VIN  IO
Characteristics charts of UNR9117J
IC  VCE
VCE(sat)  IC
hFE  IC
0
−10 −1
6
5
4
3
2
1
−1
−10
−102
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
VO =
−5 V
Ta = 25
°C
Input voltage V
IN (V)
−10 −2
−10 −1
−10 −1
−1
−10
−102
−1
−10
−102
VO
= −0.2 V
Ta
= 25°C
Output current IO (mA)
0
0
−12
−2
−10
−4
−8
−6
−120
−100
−80
−60
−40
−20
Ta
= 25°C
IB
= −1.0 mA
−0.9 mA
−0.8 mA
−0.7 mA
−0.6 mA
−0.5 mA
−0.4 mA
−0.3 mA
−0.2 mA
−0.1 mA
Collector-emitter voltage V
CE (V)
−10 −2
−10 −1
−10 −1
−1
−10
−102
−1
−10
−102
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
−1
100
200
300
400
−10
−102
−103
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
−10 −1
6
5
4
3
2
1
−1
−10
−102
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
VO
= −5 V
Ta
= 25°C
Input voltage V
IN (V)
−10 −2
−10 −1
−10 −1
−1
−10
−102
−1
−10
−102
VO
= −0.2 V
Ta
= 25°C
Output current IO (mA)


Similar Part No. - UNR911TJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR911AJ PANASONIC-UNR911AJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911BJ PANASONIC-UNR911BJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911CJ PANASONIC-UNR911CJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UNR911TJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com