Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S48SP Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SP
Description  SMD and Through-hole versions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SP Datasheet HTML 1Page - Delta Electronics, Inc. S48SP Datasheet HTML 2Page - Delta Electronics, Inc. S48SP Datasheet HTML 3Page - Delta Electronics, Inc. S48SP Datasheet HTML 4Page - Delta Electronics, Inc. S48SP Datasheet HTML 5Page - Delta Electronics, Inc. S48SP Datasheet HTML 6Page - Delta Electronics, Inc. S48SP Datasheet HTML 7Page - Delta Electronics, Inc. S48SP Datasheet HTML 8Page - Delta Electronics, Inc. S48SP Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Delphi Series S48SP, 36W 1x1 Brick
DC/DC Power Modules: 48V in, 12V/3A out
The Delphi Series S48SP, 1x1 Brick, 48V input, single output,
isolated DC/DC converters is the latest offering from a world leader in
power systems technology and manufacturing -- Delta Electronics, Inc.
This product family is available in a surface mount or through-hole
package and provides up to 36 watts of power or 10A of output current
(3.3V and below) in a new 1x1 form factor (1.3”x0.96”x0.33”). The
pinout is compatible with the industry standard 1x2 products. With
creative design technology and optimization of component placement,
these
converters
possess
outstanding
electrical
and
thermal
performance, as well as extremely high reliability under highly stressful
operating conditions. Typical efficiency of the 12V/3A module is better
than 90%. All modules are fully protected against abnormal input/output
voltage, current, and temperature conditions.
OPTIONS
SMD module available
Remote On/Off
OTP and Output OVP, OCP mode,
Auto-restart (default) or latch-up
Short pin lengths
Encapsulated case optional
DATASHEET
DS_S48SP12003_10252013
APPLICATIONS
Optical Transport
Data Networking
Communications, including Wireless and
traditional Telecom
Servers
FEATURES
High efficiency: 90% @ 12V/3A
Industry standard 1x2 pinout
Size: 33.0 x 24.4 x 8.55mm
(1.30”x0.96”x0.34”)
SMD and Through-hole versions
Fixed frequency operation
2:1 input voltage range
Input UVLO, OVP
OTP and output OCP, OVP (default is
auto-restart)
Output voltage trim ±10%
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) recognized


Similar Part No. - S48SP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007EKFA DELTA-S48SP05007EKFA Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EKFB DELTA-S48SP05007EKFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EMFA DELTA-S48SP05007EMFA Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EMFB DELTA-S48SP05007EMFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
More results

Similar Description - S48SP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
logo
Power-One
IMS6 POWER-ONE-IMS6 Datasheet
1Mb / 13P
   6 Watt SMD and through hole DC/DC converters
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
   Standard and long life versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
   Lighted and non-lighted versions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com