Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S48SP15002NRFB Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # S48SP15002NRFB
Description  SMD and Through-hole versions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP15002NRFB Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button S48SP15002NRFB Datasheet HTML 6Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 7Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 8Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 9Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 10Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 11Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 12Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 13Page - Delta Electronics, Inc. S48SP15002NRFB Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DS_S48SP12003_10252013
11
PICK AND PLACE LOCATION
SURFACE-MOUNT TAPE & REEL
RECOMMENDED PAD LAYOUT (SMD)


Similar Part No. - S48SP15002NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP15002NRFB DELTA-S48SP15002NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP15002NRFB DELTA-S48SP15002NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP15002NRFB DELTA-S48SP15002NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP15002NRFB DELTA-S48SP15002NRFB Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP15002NRFB DELTA-S48SP15002NRFB Datasheet
448Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
More results

Similar Description - S48SP15002NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
logo
Power-One
IMS6 POWER-ONE-IMS6 Datasheet
1Mb / 13P
   6 Watt SMD and through hole DC/DC converters
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
   Standard and long life versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
   Lighted and non-lighted versions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com