Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L512-70 Datasheet(PDF) 4 Page - Winbond

Part # W39L512-70
Description  64K 8 COMS FLASH MEMORY
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L512-70 Datasheet(HTML) 4 Page - Winbond

  W39L512-70 Datasheet HTML 1Page - Winbond W39L512-70 Datasheet HTML 2Page - Winbond W39L512-70 Datasheet HTML 3Page - Winbond W39L512-70 Datasheet HTML 4Page - Winbond W39L512-70 Datasheet HTML 5Page - Winbond W39L512-70 Datasheet HTML 6Page - Winbond W39L512-70 Datasheet HTML 7Page - Winbond W39L512-70 Datasheet HTML 8Page - Winbond W39L512-70 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
W39L512
- 4 -
The manufacturer and device codes may also be read via the command register, for instance, when
the W39L512 is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in "Auto-select Codes".
Byte 0 (A0 = VIL) represents the manufacturer
′s code (Winbond = DAH) and byte 1 (A0 = VIH) the
device identifier code (W39L512 = 38H). All identifiers for manufacturer and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing the
Auto-select, A1 must be low state.
Data Protection
The W39L512 is designed to offer protection against accidental erasure or programming caused by
spurious system level signals that may exist during power transitions. During power up the device
automatically resets the internal state machine in the Read mode. Also, with its control register
architecture, alteration of the memory contents only occurs after successful completion of specific
multi-bus cycle command sequences. The device also incorporates several features to prevent
inadvertent write cycles resulting from VDD power-up and power-down transitions or system noise.
Boot Block Operation
There are two alternatives to set the boot block. The 8K-byte in the top/bottom location of this device
can be locked as boot block, which can be used to store boot codes. It is located in the last 8K bytes or
first 8K bytes of the memory with the address range from E000(hex) to FFFF(hex) for top location or
0000(hex) to 1FFF(hex) for bottom location.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set the
data for the designated block cannot be erased or programmed (programming lockout), other memory
locations can be changed by the regular programming method.
In order to detect whether the boot block feature is set on the first/last 8K-byte block or not, users can
perform software command sequence: enter the product identification mode (see Command Codes for
Identification/Boot Block Lockout Detection for specific code), and then read from address 0002(hex)
for first(bottom) location or FFF2(hex) for last(top) location.
If the DQ0/DQ1 of output data is "1,"
the 8Kbytes boot block programming lockout feature will be activated; if the DQ0/DQ1 of output data is
"0," the lockout feature will be inactivated and the block can be erased/programmed.
To return to normal operation, perform a three-byte command sequence (or an alternate single-byte
command) to exit the identification mode. For the specific code, see Command Codes for
Identification/Boot Block Lockout Detection.
Low VDD Inhibit
To avoid initiation of a write cycle during VDD power-up and power-down, the W39L512 locks out when
VDD < 2.0V (see DC Characteristics section for voltages). The write and read operations are inhibited
when VDD is less than 2.0V typical. The W39L512 ignores all write and read operations until VDD >
2,0V. The user must ensure that the control pins are in the correct logic state when VDD > 2.0V to
prevent unintentional writes.
Write Pulse "Glitch" Protection
Noise pulses of less than 10 nS (typical) on #OE, #CE, or #WE will not initiate a write cycle.


Similar Part No. - W39L512-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L010P-70 WINBOND-W39L010P-70 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L010P-70B WINBOND-W39L010P-70B Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L010P-90 WINBOND-W39L010P-90 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
W39L010P-90B WINBOND-W39L010P-90B Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L512-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com