Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40TDHS6 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 40TDHS6
Description  LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

40TDHS6 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  40TDHS6 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/20TDHG6
LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
SERIES
7-2
MINIMUM INSERTION LOSS IN dB
CURRENT
FREQUENCY -MHz
TYPE
RATING
.15
.50
1.0
5.0
10
30
10TDHG6
10A
25
40
40
40
40
35
20TDHG6
20A
15
25
28
38
45
35
30TDHS6
30A
10
25
25
35
30
20
40TDHS6
40A
18
30
30
35
40
25
50TDHS6
50A
15
28
28
35
40
35
10TDHG6
10A
15
28
40
40
45
40
20TDHG6
20A
15
25
28
50
55
40
30TDHS6
30A
15
25
35
35
35
40
40TDHS6
40A
18
28
35
45
50
35
50TDHS6
50A
20
30
35
40
45
45
COMMONMODE(L-G)IN50OHMSYSTEM
DIFFERENTIALMODE(L-L)IN50OHMSYSTEM
COMPONENT
L
Cx
Cy
R
PART NO.
(K )
(mH)
(uF)
(pF)
10TDHG6
2.3
20TDHG6
0.5
0.22
30TDHS6
0.5
4700
680
1.1
0.47
40TDHS6
50TDHS6
0.7
0.68
30TDHS6
57.0
119.0
98.5
19.0
40/50TDHS6
6.299
6.791
65.0
20.0
mm
INCH
UNIT:
4.685
3.878
2.244
0.748
7.264
160.5
172.5
184.5
2.559
0.787
74.0
84.0
94.0
2.913
3.307
3.7
10/20TDHG6
49.0
1.929
MECHANICAL CONSTRUCTION
ELECTRICAL SCHEMATIC
Cy
E
N
I
L
Cx
L
L
A
D
O
L
Cx
Cx
Cy
Cy
R
R
R
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 250VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS


Similar Part No. - 40TDHS6

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
40TDHS6 DELTA-40TDHS6 Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
More results

Similar Description - 40TDHS6

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
TDV DELTA-TDV Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
20TYS9 DELTA-20TYS9 Datasheet
386Kb / 1P
   COMPACT 3-PHASE 4-WIRE FILTERS
TDP DELTA-TDP Datasheet
684Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
TYT DELTA-TYT Datasheet
335Kb / 3P
   HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
logo
TE Connectivity Ltd
AYO TEC-AYO Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com