Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SC12007NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # V48SC12007NRFA
Description  Fixed frequency operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SC12007NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button V48SC12007NRFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 9Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 10Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 11Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 12Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 13Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 14Page - Delta Electronics, Inc. V48SC12007NRFA Datasheet HTML 15Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS_V48SC12007_04262016
11
THERMAL CURVES
(WITH HEAT SPREADER)
AIRFLOW
Figure 23: * Hot spot 2 temperature measurement location. The
allowed maximum hot spot temperature is defined at 110
0
1
2
3
4
5
6
7
8
25
30
35
40
45
50
55
60
65
70
75
80
85
Output Current (A)
Ambient Temperature (℃)
V48SC12007(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation,With Heat Spreader)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 24: Output Power vs. Ambient Temperature and Air
Velocity @ Vin=48V (Either Orientation, with heat spreader)


Similar Part No. - V48SC12007NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SC12007NRFA DELTA-V48SC12007NRFA Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
V48SC12007NRFA DELTA-V48SC12007NRFA Datasheet
718Kb / 14P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules
More results

Similar Description - V48SC12007NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com