Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F100 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X76F100
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X76F100 Datasheet HTML 5Page - Xicor Inc. X76F100 Datasheet HTML 6Page - Xicor Inc. X76F100 Datasheet HTML 7Page - Xicor Inc. X76F100 Datasheet HTML 8Page - Xicor Inc. X76F100 Datasheet HTML 9Page - Xicor Inc. X76F100 Datasheet HTML 10Page - Xicor Inc. X76F100 Datasheet HTML 11Page - Xicor Inc. X76F100 Datasheet HTML 12Page - Xicor Inc. X76F100 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X76F100
Characteristics subject to change without notice.
9 of 16
REV 1.0 6/22/00
www.xicor.com
AC CHARACTERISTICS (TA = -40°C to +85°C, VCC = +3.0V to +5.5V, unless otherwise specified.)
Notes: (1) These Specs are not defined in the ISO 7816-3 Standard, since CS is not defined.
(2) Cb = total capacitance of one bus line in pF
(3) tAA = 1.1µs Max below VCC = 3.0V.
RESET AC SPECIFICATIONS
Power Up Timing
Notes: (1) Delays are measured from the timeVCC is stable until the specified operation can be initiated.These parameters are periodically sampled
and not 100% tested.
(2) Typical values are for TA = 25°C and VCC = 5.0V
Symbol
Parameter
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
1
MHz
tAA
(3)
SCL LOW to SDA Data Out Valid
0.1
0.9
µs
tBUF
Time the Bus Must Be Free Before a New Transmission Can Start
1.2
µs
tHD:STA
Start Condition Hold Time
0.6
µs
tLOW
Clock LOW Period
1.2
µs
tHIGH
Clock HIGH Period
0.6
µs
tSU:STA
Start Condition Setup Time (for a Repeated Start Condition)
0.6
µs
tHD:DAT
Data In Hold Time
10
ns
tSU:DAT
Data In Setup Time
100
ns
tR
SDA and SCL Rise Time
20+0.1XCb
(2)
300
ns
tF
SDA and SCL Fall Time
20+0.1XCb
(2)
300
ns
tSU:STO
Stop Condition Setup Time
0.6
µs
tDH
Data Out Hold Time
0
µs
tNOL
RST to SCL Non-Overlap
500
ns
tRDV
RST LOW to SDA Valid During Response to Reset
0
450
ns
tCDV
CLK LOW to SDA Valid During Response to Reset
0
450
ns
tDHZ
(1)
Device Deselect to SDA high impedance
0
450
ns
tSR
(1)
Device Select to RST active
0
ns
tRST
RST High Time
1.5
µs
tSU:RST
RST Setup Time
500
ns
tSU:CS
CS Setup Time
200
ns
tSU:CS
CS Hold Time
100
ns
Symbol
Parameter
Min.
Typ.(2)
Max.
Unit
tPUR
(1)
Time from Power Up to Read
1
ms
tPUW
(1)
Time from Power Up to Write
5
ms


Similar Part No. - X76F100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com