Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F100 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X76F100
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100 Datasheet(HTML) 1 Page - Xicor Inc.

  X76F100 Datasheet HTML 1Page - Xicor Inc. X76F100 Datasheet HTML 2Page - Xicor Inc. X76F100 Datasheet HTML 3Page - Xicor Inc. X76F100 Datasheet HTML 4Page - Xicor Inc. X76F100 Datasheet HTML 5Page - Xicor Inc. X76F100 Datasheet HTML 6Page - Xicor Inc. X76F100 Datasheet HTML 7Page - Xicor Inc. X76F100 Datasheet HTML 8Page - Xicor Inc. X76F100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV 1.0 6/22/00
Characteristics subject to change without notice.
1 of 16
www.xicor.com
1K
X76F100
128 x 8 Bit
Secure SerialFlash
FEATURES
• 64-bit password security
• One array (112-bytes) two passwords (16-bytes)
—Read password
—Write password
• Programmable passwords
• Retry counter register
—Allows 8 tries before clearing of the array
• 32-bit response to reset (rst input)
• 8-byte sector Write Mode
• 1MHz clock rate
• 2-wire serial interface
• Low power CMOS
—3.0 to 5.5V operation
—Standby current less than 1µA
—Active current less than 3 mA
• High reliability endurance:
—100,000 write cycles
• Data retention: 100 years
• Available in:
—8-lead PDIP, SOIC, MSOP, and smart car module
DESCRIPTION
The X76F100 is a Password Access Security Supervi-
sor, containing one 896-bit Secure SerialFlash array.
Access to the memory array can be controlled by two
64-bit passwords. These passwords protect read and
write operations of the memory array.
The X76F100 features a serial interface and software
protocol allowing operation on a popular two wire bus.
The bus signals are a clock Input (SCL) and a bidirec-
tional data input and output (SDA). Access to the
device is controlled through a chip select (CS) input,
allowing any number of devices to share the same bus.
The X76F100 also features a synchronous response
to reset providing an automatic output of a hard-wired
32-bit data stream conforming to the industry standard
for memory cards.
The X76F100 utilizes Xicor’s proprietary Direct Write
cell, providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
BLOCK DIAGRAM
Logic
CS
SCL
SDA
RST
Interface
8K Byte
Data Transfer
Array Access
Enable
Reset
Response Register
Password Array
and Password
Verification Logic
Chip Enable
Retry Counter
SerialFlash Array
32 Byte
SerialFlash Array
Array 0
Array 1
(Password Protected)
(Password Protected)


Similar Part No. - X76F100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com