Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X76F100 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X76F100
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100 Datasheet(HTML) 3 Page - Xicor Inc.

  X76F100 Datasheet HTML 1Page - Xicor Inc. X76F100 Datasheet HTML 2Page - Xicor Inc. X76F100 Datasheet HTML 3Page - Xicor Inc. X76F100 Datasheet HTML 4Page - Xicor Inc. X76F100 Datasheet HTML 5Page - Xicor Inc. X76F100 Datasheet HTML 6Page - Xicor Inc. X76F100 Datasheet HTML 7Page - Xicor Inc. X76F100 Datasheet HTML 8Page - Xicor Inc. X76F100 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
X76F100
Characteristics subject to change without notice.
3 of 16
REV 1.0 6/22/00
www.xicor.com
After each transaction is completed, the X76F100 will
reset and enter into a standby mode. This will also be
the response if an unsuccessful attempt is made to
access a protected array.
Figure 1. X76F100 Device Operation
Retry Counter
The X76F100 contains a retry counter. The retry
counter allows 8 accesses with an invalid password
before any action is taken. The counter will increment
with any combination of incorrect passwords. If the
retry counter overflows, the memory area and both of
the passwords are cleared to “0”. If a correct password
is received prior to retry counter overflow, the retry
counter is reset and access is granted.
Device Protocol
The X76F100 supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter and the receiving
device as a receiver. The device controlling the transfer
is a master and the device being controlled is the
slave. The master will always initiate data transfers and
provide the clock for both transmit and receive opera-
tions. Therefore, the X76F100 will be considered a
slave in all applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer
to Figure 2 and Figure 3.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X76F100 continuously monitors the SDA
and SCL lines for the start condition and will not
respond to any command until this condition is met.
A start may be issued to terminate the input of a con-
trol byte or the input data to be written. This will reset
the device and leave it ready to begin a new read or
write command. Because of the push/pull output, a
start cannot be generated while the part is outputting
data. Starts are inhibited while a write is in progress.
Stop Condition
All communications must be terminated by a stop con-
dition. The stop condition is a LOW to HIGH transition
of SDA when SCL is HIGH. The stop condition is also
used to reset the device during a command or data
input sequence and will leave the device in the standby
power mode. As with starts, stops are inhibited when
outputting data and while a write is in progress.
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received
the eight bits of data.
The X76F100 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write condition have been
selected, the X76F100 will respond with an acknowl-
edge after the receipt of each subsequent eight-bit
word.
Load Command/Address Byte
Load 8-Byte
Password
Verify Password
Acceptance by
Use of Ack Polling
Read/Write
Data
Bytes


Similar Part No. - X76F100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com