Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1225AS-H-4R7M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 1225AS-H-4R7M
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

1225AS-H-4R7M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  1225AS-H-4R7M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 1225AS-H-4R7M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
3.0 ±0.2mm
W size
2.8 ±0.2mm
T size
1.2 mm
Size code in inch (mm)
1211 (3028)
Rated current (Isat) is specified when the decrease of the initial
inductance value at 30%. (The ambient reference temperature is 20℃.)
Rated current (Itemp) is specified when temperature of inductor the is
raised 40℃ by DC current. (The ambient reference temperature is 20℃.)
Packaging
code
Specifications
Minimum quantity
=P2
φ
180mm Embossed taping
2000
Mass (Typ.)
1 piece
0.041g
Inductance
4.7µH ±20%
Inductance test frequency
0.1MHz
Rated current (Isat) (Based on Inductance change)
880mA
Rated current (Itemp) (Based on Temperature rise)
1400mA
Max. of DC resistance
0.126Ω
Avg. of DC resistance
0.105Ω+20%/-30%
Operating temperature range (Self-temperature rise is included)
-40〜85℃
Class of magnetic shield
Ferrite Core
Series
DEM2812C
1225AS-H-4R7M# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
1225AS-H-4R7M=P2
Shape
Notes
References
Specifications
Last updated: 2017/06/14
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Similar Part No. - 1225AS-H-4R7M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1225AS-H-4R7M TOKO-1225AS-H-4R7M Datasheet
121Kb / 2P
   Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
1225AS-H-4R7M TOKO-1225AS-H-4R7M Datasheet
252Kb / 1P
   Ferrite Inductors
More results

Similar Description - 1225AS-H-4R7M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com