Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L10HIR44243-A-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # L10HIR44243-A-PF
Description  ROUND TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L10HIR44243-A-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  L10HIR44243-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. L10HIR44243-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page
1000
Fig.6 Relative Radiant Power vs. Temperature
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Radiant Power vs. Wavelength
IFPK[mA]
IFDC[mA]
Ambient Temperature
[℃]
Fig.5 Forward DC Voltage vs. Temperature
0.8
-40
0.9
0
-20
20
1.2
1.0
1.1
100
60
40
80
0.0
-40
1.0
0.5
Ambient Temperature[
]
0
-20
20
60
40
80
2.0
1.5
3.0
2.5
Forward Voltage[V]
Fig.3 Relative Radiant Power
vs. Forward DC Current
10.0
0.1
1
10
1.0
0.1
0.0
1
1.0
2.0
10.0
100
0.1
10
1.0
100
Fig.4 Relative Radiant Power
4.0
3.0
800
0.0
Wavelength[nm]
vs. Forward Peak Current
850
900
950
L10HIR44243/A-PF
Fig.1 Forward Current vs. Rorward Voltage
Typical Electro-Optical Characteristics Curve
100
10
1000
HIR CHIP
PART NO.
0.5
1.0
100
4/7


Similar Part No. - L10HIR44243-A-PF

ManufacturerPart #DatasheetDescription
logo
Powerbox
L10 POWERBOX-L10 Datasheet
646Kb / 1P
   1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Linear Technology
L10-0112 LINER-L10-0112 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
L10-0116 LINER-L10-0116 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
   CERAMIC FILTERS
logo
ECS, Inc.
L10.7 ECS-L10.7 Datasheet
145Kb / 1P
   CERAMIC FILTER
More results

Similar Description - L10HIR44243-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com