Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043S8I-4.5A Datasheet(PDF) 5 Page - Xicor Inc.

Part # X5043S8I-4.5A
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043S8I-4.5A Datasheet(HTML) 5 Page - Xicor Inc.

  X5043S8I-4.5A Datasheet HTML 1Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 2Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 3Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 4Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 5Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 6Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 7Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 8Page - Xicor Inc. X5043S8I-4.5A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
5 of 20
REV 1.1.2 5/29/01
www.xicor.com
Figure 4. VTRIP Programming Sequence
SPI Serial Memory
The memory portion of the device is a CMOS Serial
EEPROM array with Xicor’s block lock protection. The
array is internally organized as x8 bits. The device fea-
tures a Serial Peripheral Interface (SPI) and software
protocol allowing operation on a simple four-wire bus.
The device utilizes Xicor’s proprietary Direct Write
cell, providing a minimum endurance of 1,000,000
cycles and a minimum data retention of 100 years.
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many
popular microcontroller families.
The device contains an 8-bit instruction register that
controls the operation of the device. The instruction
code is written to the device via the SI input. There are
two write operations that requires only the instruction
byte. There are two read operations that use the
instruction byte to initiate the output of data. The
remainder of the operations require an instruction byte,
an 8-bit address, then data bytes. All instruction,
address and data bits are clocked by the SCK input. All
instructions (Table 1), addresses and data are trans-
ferred MSB first.
Clock and Data Timing
Data input on the SI line is latched on the first rising
edge of SCK after CS goes LOW. Data is output on the
SO line by the falling edge of SCK. SCK is static,
allowing the user to stop the clock and then start it
again to resume operations where left off. CS must be
LOW during the entire operation.
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP
-Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied
Old VCC Applied
(VCC = VCC–10mV)
Execute
Sequence
Reset VTRIP
Error
≤ -Emax
-Emax < Error < Emax
YES
NO
Error
≥ Emax
Emax = Maximum Desired Error
- Error
=
New VCC Applied
Old VCC Applied
- Error
=
Table 1. Instruction Set
Note:
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
Instruction Name
Instruction Format*
Operation
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RSDR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register (Watchdog and Block Lock)
READ
0000 A8011
Read Data from Memory Array Beginning at Selected Address
WRITE
0000 A8010
Write Data to Memory Array Beginning at Selected Address (1 to 16 bytes)


Similar Part No. - X5043S8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043S8I-4.5A INTERSIL-X5043S8I-4.5A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8I-4.5A INTERSIL-X5043S8I-4.5A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8I-4.5A INTERSIL-X5043S8I-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043S8I-4.5A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com