Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC15005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBPC15005
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBPC15005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBPC15005 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBPC15005 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBPC15005 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload -240~500 Amperes peak
Low forward voltage drop
Mounting Position : Any
Electrically isolated base -2000 Volts
Solderable 0.25" FAST ON terminals
Materials used carries U/L recognition
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current
@TC=55℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 5.0/7.5/12.5/17.5/25.0A Peak
Maximum Reverse Current at Rate
DC Blocking Voltage Per Element @TJ=25℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
1.1
V
UNIT
A
A
KBPC10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT - 10/15/25/35/50 Amperes
-55 to +150
-55 to +150
10
μA
VF
IR
CHARACTERISTICS
SYMBOL
I(AV)
IFSM
KBPC
KBPC
10
10
15
25
35
50
240
300
400
400
500
KBPC
15
KBPC
25
KBPC
35
KBPC
50
.921(23.4)
.882(22.4)
1.114(28.3)
1.133(28.8)
.732(18.6)
.693(17.6)
.583(14.8)
.543(13.8)
.634(16.1)
.673(17.1)
1.133(28.8)
1.114(28.3)
.028(0.7)
.035(0.9)
.254(6.45)
.242(6.15)
.424(10.77)
.442(11.23)
Hole for
No.8 screw
193"(4.9)diam
diam
0.94
(2.4)
.673(17.1)
.634(16.1)


Similar Part No. - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
KBPC15005 CHENDA-KBPC15005 Datasheet
505Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Wing Shing Computer Com...
KBPC15005 WINGS-KBPC15005 Datasheet
220Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes)
logo
Yangzhou yangjie electr...
KBPC15005 YANGJIE-KBPC15005 Datasheet
923Kb / 2P
   SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
KBPC15005 WINNERJOIN-KBPC15005 Datasheet
152Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBPC15005 SECOS-KBPC15005 Datasheet
350Kb / 2P
   15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - KBPC15005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com