Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP08G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBP08G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBP08G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBP08G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBP08G Datasheet HTML 2Page - HY ELECTRONIC CORP. KBP08G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
KBP005G thru KBP10G
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE.°C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
50
100
150
0.0
0.5
1.0
1.5
NUMBER OF CYCLES AT 60Hz
FIG.4-MAXIMUM FORWARD SURGE CURRENT
0
10
20
30
40
50
1
2
5
10
20
50
100
60
TJ=25°C
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.3-TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
TJ
=25°C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.01
0.1
1.0
10.0
20.0
0.4
0.6
0.8
1.0
1.2
1.4
0
0.2
TJ=25°C


Similar Part No. - KBP08G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP08G DIODES-KBP08G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. F-2
logo
Fuji Electric
KBP08G FUJI-KBP08G Datasheet
514Kb / 1P
   1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP08G GULFSEMI-KBP08G Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
logo
Diodes Incorporated
KBP08G DIODES-KBP08G Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
logo
List of Unclassifed Man...
KBP08G ETC2-KBP08G Datasheet
117Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - KBP08G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com