Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU4J Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # GBU4J
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

GBU4J Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  GBU4J Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. GBU4J Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1
100
10
10
1
100
.01
.1
.8
1
1.2
1.4
1.6
0.1
1.0
10
 
TJ=25
Pulse Width
=300uS
.4
.6
100
.01
10
0
40
60
20
100
80
T J =2 5
0.1
1.0
.01
T J =1 2 5
100
500
0
1.0
0100
4.0
150
50
3.0
2.0
30
120
100
150
10
TJ=TJ max.
SINGLE SINE-WAVE
(JEDEC METHOD)
1
60
90
1.0 CYCLE
FIG.3 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
NUMBER OF CYCLES AT 60Hz
TEMPERATURE,
DURGE CURRENT
REVERSE VOLTAGE, VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE PER LEG
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
GBU4A --- GBU4M
FIG.1 -- DERATING CURVE FOR OUTPUT RRECTIFIED CURRENT
t, HEATING TIME, sec.
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE
1
100
10
10
100
.1
f=1.0 MHz
VSIG=50mVp-p
50-400V
600-1000V
40
4
TJ=25
1000
www.shunyegroup.com.cn


Similar Part No. - GBU4J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4J PANJIT-GBU4J Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU4J GENESIC-GBU4J Datasheet
372Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Semikron International
GBU4J SEMIKRON-GBU4J Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
Nell Semiconductor Co.,...
GBU4J NELLSEMI-GBU4J Datasheet
568Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
GBU4J MCC-GBU4J Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU4J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com