Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU4B Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # GBU4B
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

GBU4B Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  GBU4B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. GBU4B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
+
3.7± 0.35
22.3± 0.3
AC
2.4± 0.2
1.2± 0.15
5.0± 0.3
3.8± 0.2
0.5± 0.15
2.5± 0.2
4 45°
FEATURES
Ideal for printed circuit board
Reliable low cos t cons truction utilizing m olded
plas tic technique
Plas tic m aterrial has U/L flam m ability clas s ification
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phase,half wave,60 Hz,res istive or inductive load. For capacitive load,derate by 20%.
GBU
4D
GBU
4G
GBU
4J
GBU
4K
GBU
4M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard Tc=100
output current
@T
A=40
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 2.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage
@T
A=125
Typical junction capacitance per leg (note 3)
CJ
pF
Typical thermal resistance per leg
(note 2)
RθJA
(note 1)
RθJC
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Unit case m ounted on 1.6x1.6x0.06" thick (4.0x4.0x0.15cm ) AI. Plate.
- 55 ---- + 150
- 55 ---- + 150
IR
4.2
/W
100
45
22.0
A
100
70
35
5
0
GBU
IFSM
A
5.0
Mounting pos ition: Any
IF(AV)
4.0
3.0
3. Measured at 1.0 MHz and applied rev erse v oltage of 4.0 v olts.
GBU
4A
GBU
4B
50
100
1.0
2. Units m ounted on P.C.B. with 0.5x0.5" (12x12m m) copper pads and 0.375" (9.5m m ) lead length.
500.0
150.0
Dimensions in millimeters
Glass passivated chip junctions
(note 1)
(note 2)
GBU4A THRU GBU4M
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 4.0 Amperes
www.shunyegroup.com.cn


Similar Part No. - GBU4B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU4B PANJIT-GBU4B Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU4B GENESIC-GBU4B Datasheet
371Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Semikron International
GBU4B SEMIKRON-GBU4B Datasheet
222Kb / 2P
   Silicon-Bridge Rectifiers
logo
SHIKUES Electronics
GBU4B SKTECHNOLGY-GBU4B Datasheet
1Mb / 3P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU4B MCC-GBU4B Datasheet
174Kb / 3P
   4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU4B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com