Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP502-MP506 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MP502-MP506
Description  PRESS-FIT MOTOROLA DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

MP502-MP506 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  MP502-MP506 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MP502-MP506 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP502-MP506
50 A, 200 to 600 V
PRESS-FIT MOTOROLA DIODES
Features
* High surge capability
* Low Leakage
* Low Forward Voltage Drop
* High Current Capability
* Hermetic Press-fit Package
Polarities Identification
BP352P: P-Positive
BP352N: N-Negative
MPxx: Motorola Style
MP CASE
Maximum Ratings and Electrical Characteristics
Ratings At 25℃ Ambient Temperature Unless Otherwise Specified.Single-Phase, Half-Wave, 60Hz , Resistive Or
Inductive Load
Characteristics
Symbol
MP502
MP504
MP506
Unit
Maximum recurrent Reverse Voltage
VRRM
200
400
600
Volts
Maximum RMS Voltage
VRMS
140
280
420
Volts
Maximum DC Blocking Voltage(TA=25oC)
VDC
200
400
600
Volts
Maximum Average Forward Rectified Current @ TL=125℃
Io
50
Amps
Non- Repetitive Peak Surge Current
Surge Supplied at Rated Load Conditions
(8.3ms Single half Sine-wave on (JEDEC Method) TL=25℃
IFSM
600
Amps
Maximum Instantaneous Forward Voltage
(IF=100 Amps , Tc=25℃)
VF
1.15
Volts
Maximum DC Reverse Current TA=25℃
at Rated DC Blocking Voltage TA=100℃
IR
5
500
μA
Operating Junction and Storage Temperature Range
TJ,
TSTG
-55 to +150
Forward Voltage Temperature Coefficient @ IF=10mA
VFTS
2
mV/℃
Operating And Storage Temperature Range
TJ,TSTG
-55 to +150


Similar Part No. - MP502-MP506

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP502-BP MCC-MP502-BP Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP502-MP506

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MP352-MP356 SHUNYE-MP352-MP356 Datasheet
163Kb / 2P
   PRESS-FIT MOTOROLA DIODES
MPZ5024-MPZ5040 SHUNYE-MPZ5024-MPZ5040 Datasheet
215Kb / 2P
   AVALANCHE PRESS-FIT MOTOROLA DIODES
MPZ3524-MPZ3540 SHUNYE-MPZ3524-MPZ3540 Datasheet
217Kb / 2P
   AVALANCHE PRESS-FIT MOTOROLA DIODES
logo
Won-Top Electronics
MD2500 WTE-MD2500 Datasheet
30Kb / 2P
   25A MOTOROLA TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
PRMAG30L MIC-PRMAG30L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG30Z MIC-PRMAG30Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
logo
Won-Top Electronics
MD5000 WTE-MD5000_14 Datasheet
32Kb / 2P
   50A MOTOROLA TYPE PRESS-FIT DIODE
logo
MIC GROUP RECTIFIERS
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40Z MIC-PRMA40Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG40Z MIC-PRMAG40Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com