Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043PI Datasheet(PDF) 6 Page - Xicor Inc.

Part # X5043PI
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043PI Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X5043PI Datasheet HTML 2Page - Xicor Inc. X5043PI Datasheet HTML 3Page - Xicor Inc. X5043PI Datasheet HTML 4Page - Xicor Inc. X5043PI Datasheet HTML 5Page - Xicor Inc. X5043PI Datasheet HTML 6Page - Xicor Inc. X5043PI Datasheet HTML 7Page - Xicor Inc. X5043PI Datasheet HTML 8Page - Xicor Inc. X5043PI Datasheet HTML 9Page - Xicor Inc. X5043PI Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
6 of 20
REV 1.1.2 5/29/01
www.xicor.com
Write Enable Latch
The device contains a Write Enable Latch. This latch
must be SET before a Write Operation is initiated. The
WREN instruction will set the latch and the WRDI
instruction will reset the latch (Figure 3). This latch is
automatically reset upon a power-up condition and after
the completion of a valid byte, page, or status register
write cycle. The latch is also reset if WP is brought LOW.
When issuing a WREN, WRDI or RDSR commands, it
is not necessary to send a byte address or data.
Figure 5. Write Enable/Disable Latch Sequence
Status Register
The Status Register contains four nonvolatile control
bits and two volatile status bits. The control bits set the
operation of the watchdog timer and the memory block
lock protection. The Status Register is formatted as
shown in “Status Register”.
Status Register: (Default = 30H)
The Write-In-Progress (WIP) bit is a volatile, read only
bit and indicates whether the device is busy with an
internal nonvolatile write operation. The WIP bit is read
using the RDSR instruction. When set to a “1”, a non-
volatile write operation is in progress. When set to a
“0”, no write is in progress.
The Write Enable Latch (WEL) bit indicates the status
of the “write enable” latch. When WEL = 1, the latch is
set and when WEL = 0 the latch is reset. The WEL bit is
a volatile, read only bit. The WREN instruction sets the
WEL bit and the WRDS instruction resets the WEL bit.
The block lock bits, BL0 and BL1, set the level of block
lock protection. These nonvolatile bits are programmed
using the WRSR instruction and allow the user to pro-
tect one quarter, one half, all or none of the EEPROM
array. Any portion of the array that is block lock pro-
tected can be read but not written. It will remain pro-
tected until the BL bits are altered to disable block lock
protection of that portion of memory.
The Watchdog Timer bits, WD0 and WD1, select the
Watchdog Time-out Period. These nonvolatile bits are
programmed with the WRSR instruction.
Read Status Register
To read the Status Register, pull CS low to select the
device, then send the 8-bit RDSR instruction. Then the
contents of the Status Register are shifted out on the
SO line, clocked by CLK. Refer to the Read Status
Register Sequence (Figure 6). The Status Register
may be read at any time, even during a Write Cycle.
Write Status Register
Prior to any attempt to write data into the status regis-
ter, the “Write Enable” Latch (WEL) must be set by
issuing the WREN instruction (Figure 5). First pull CS
LOW, then clock the WREN instruction into the device
and pull CS HIGH. Then bring CS LOW again and
enter the WRSR instruction followed by 8 bits of data.
These 8 bits of data correspond to the contents of the
status register. The operation ends with CS going
HIGH. If CS does not go HIGH between WREN and
WRSR, the WRSR instruction is ignored.
7
6
5
4
3210
0
0
WD1 WD0
BL1
BL0
WEL
WIP
01234567
CS
SI
SCK
High Impedance
SO
Status Reg Bits
Array Addresses Protected
BL1
BL0
X5043/X5045
0
0
None
0
1
$180–$1FF
1
0
$100–$1FF
1
1
$000–$1FF
Status Register Bits
Watchdog Time Out
(Typical)
WD1
WD0
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled (factory default)


Similar Part No. - X5043PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043PI INTERSIL-X5043PI Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043PI INTERSIL-X5043PI Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043PI INTERSIL-X5043PI Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043PI-2.7 INTERSIL-X5043PI-2.7 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043PI-2.7 INTERSIL-X5043PI-2.7 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043PI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com