Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE20 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # 1.5KE20
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

1.5KE20 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  1.5KE20 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. 1.5KE20 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. 1.5KE20 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. 1.5KE20 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KE6.8 THRU 1.5KE440CA
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
Breakdown Voltage:6.8-440 Volts
Pesk Pulse Power:1500 Watts
FEATURE
MECHANICAL DATA
DO-201AD
0.210 (5.3)
0.190(4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Dimensions in inches and (millimeters)
1500w peak pulse power capability
Excellent clamping capability
Low incremental surge resistance
Fast response time:typically less than 1.0ps from 0v to
VBR for unidirectional and 5.0ns ror bidirectional types.
High temperature soldering guaranteed:
265 C/10S/9.5mm lead length at 5 lbs tension
0.375(9.5)
0.265(7.2)
1.0(25.4)
MIN.
1.0 (25.4)
MIN.
Case: JEDEC DO-201AD molded plastic body over
passivated junction
Terminals: Plated axial leads, solderable per MIL-STD 750
method 2026
Polarity: Color band denotes cathode except for
bidirectional types
Mounting Position: Any
Weight: 0.04 ounce,1.10 grams
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440 (e.g. 1.5KE6.8CA,1.5KE440CA).
Electrical characteristics apply in both directions.
C
Peak power dissipation
(Note 1)
Peak polse reverse current
(Note 1, Fig.1)
Steady state power dissapation (Note 2)
Peak forward surge current
(Note 3)
Maximum instantaneous forward voltage at 100A
for unidirectional only
(Note 4)
Operating junction and storage temperature range
PPPM
IPPM
PM(AV)
IFSM
TSTG,TJ
3.5/5.0
SYMBOLS
UNITS
VALUE
Minimum 1500
See Table 1
5.0
200
-55 to + 175
VF
Watts
Amps
Watts
Amps
Volts
Notes:
1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2
2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (20x20mm)Fig.5
3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4.VF=3.5V max.for devices of V(BR)<200V,and VF=5.0V max.for devices of V(BR)>200V
www.shunyegroup.com.cn


Similar Part No. - 1.5KE20

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE20 TRSYS-1.5KE20 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
1.5KE20 DIOTEC-1.5KE20 Datasheet
151Kb / 4P
   Transient Voltage Suppressor Diodes
1.5KE20 DIOTEC-1.5KE20 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE20 WTE-1.5KE20 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
1.5KE20 PANJIT-1.5KE20 Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 1.5KE20

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
1.5KE62 CHENDA-1.5KE62 Datasheet
80Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Shanghai Shunye Electro...
1.5KE6.8 SY-1.5KE6.8 Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
1.5KE6.8 SHUNYE-1.5KE6.8 Datasheet
659Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Microdiode Electronics ...
1.5KE6.8 CHENDA-1.5KE6.8 Datasheet
841Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
logo
Transys Electronics
P4KE TRSYS-P4KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
5SMC6.8A CENTRAL-5SMC6.8A Datasheet
886Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
1SMC5.0CA CENTRAL-1SMC5.0CA Datasheet
888Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
logo
MDE Semiconductor, Inc.
P6KE MDE-P6KE_13 Datasheet
143Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com