Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5045S8 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X5045S8
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5045S8 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X5045S8 Datasheet HTML 4Page - Xicor Inc. X5045S8 Datasheet HTML 5Page - Xicor Inc. X5045S8 Datasheet HTML 6Page - Xicor Inc. X5045S8 Datasheet HTML 7Page - Xicor Inc. X5045S8 Datasheet HTML 8Page - Xicor Inc. X5045S8 Datasheet HTML 9Page - Xicor Inc. X5045S8 Datasheet HTML 10Page - Xicor Inc. X5045S8 Datasheet HTML 11Page - Xicor Inc. X5045S8 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
8 of 20
REV 1.1.2 5/29/01
www.xicor.com
Figure 8. Read EEPROM Array Sequence
0123
456789
10
12 13 14 15
16 17
18 19 20 21 22
76
5
4
3
2
1
0
Data Out
CS
SCK
SI
SO
MSB
High Impedance
Instruction
8 Bit Address
76
5
3
21
0
8
9th Bit of Address
Write Memory Array
Prior to any attempt to write data into the memory
array, the “Write Enable” Latch (WEL) must be set by
issuing the WREN instruction (Figure 5). First pull CS
LOW, then clock the WREN instruction into the device
and pull CS HIGH. Then bring CS LOW again and
enter the WRITE instruction followed by the 8-bit
address and then the data to be written. Bit 3 of the
WRITE instruction contains address bit A8, which
selects the upper or lower half of the array. If CS does
not go HIGH between WREN and WRITE, the WRITE
instruction is ignored.
The WRITE operation requires at least 16 clocks. CS
must go low and remain low for the duration of the
operation. The host may continue to write up to 16
bytes of data. The only restriction is that the 16 bytes
must reside within the same page. A page address
begins with address [x xxxx 0000] and ends with [x
xxxx 1111]. If the byte address reaches the last byte on
the page and the clock continues, the counter will roll
back to the first address of the page and overwrite any
data that has been previously written.
For the write operation (byte or page write) to be com-
pleted, CS must be brought HIGH after bit 0 of the last
complete data byte to be written is clocked in. If it is
brought HIGH at any other time, the write operation will
not be completed (Figure 9).
While the write is in progress following a status register
or memory array write sequence, the Status Register
may be read to check the WIP bit. WIP is HIGH while
the nonvolatile write is in progress.


Similar Part No. - X5045S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5045S8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com