Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ28 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMBJ28
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMBJ28 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMBJ28 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ28 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ28 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ28 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package with built-in strain relief for surface
mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
600W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%
Very fast response time
High temperature soldering guaranteed:
250oC/10 seconds at terminals
Case: JEDEC DO-214AA(SMB J-Bend) molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the band denotes the cathode,
which is positive with respect to the anode under normal TVS
operation
Weight: 0.003oz., 0.093g
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
0
0
0
1
/
0
1
a
u
m
r
o
f
e
v
a
w
s
)
2
,
1
(
)
1
.
g
i
F
e
e
s
(
P
M
P
P
0
0
6
m
u
m
i
n
i
MW
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
2
(
I
M
S
F
0
0
1A
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
)
4
(
R
θ A
J
0
0
1
o
W
/
C
d
a
e
l
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25
oC per Fig. 2
2. Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. SMBJ10CA). Electrical characteristics apply in both directions.
SMBJ5.0 THRU SMB440A
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Breskdown voltage: 5.0-440 Volts
Peak pulse power: 600 Wallts
www.shunyegroup.com.cn


Similar Part No. - SMBJ28

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ28 JGD-SMBJ28 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMBJ28 JUXING-SMBJ28 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ28 SOCAY-SMBJ28 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ28 DAESAN-SMBJ28 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Galaxy Semi-Conductor H...
SMBJ28 BILIN-SMBJ28 Datasheet
261Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ28

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com