Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5043M8I Datasheet(PDF) 7 Page - Xicor Inc.

Part # X5043M8I
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043M8I Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X5043M8I Datasheet HTML 3Page - Xicor Inc. X5043M8I Datasheet HTML 4Page - Xicor Inc. X5043M8I Datasheet HTML 5Page - Xicor Inc. X5043M8I Datasheet HTML 6Page - Xicor Inc. X5043M8I Datasheet HTML 7Page - Xicor Inc. X5043M8I Datasheet HTML 8Page - Xicor Inc. X5043M8I Datasheet HTML 9Page - Xicor Inc. X5043M8I Datasheet HTML 10Page - Xicor Inc. X5043M8I Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
7 of 20
REV 1.1.2 5/29/01
www.xicor.com
Table 2. Device Protect Matrix
Figure 6. Read Status Register Sequence
Figure 7. Write Status Register Sequence
WREN CMD
(WEL)
Device Pin
(WP)
Memory Block
Status Register
Protected Area
Unprotected Area
(BL0, BL1, WD0, WD1)
0
x
Protected
Protected
Protected
x
0
Protected
Protected
Protected
1
1
Protected
Writable
Writable
0123456789 10 11 12 13 14
76543210
Data Out
CS
SCK
SI
SO
MSB
High Impedance
Instruction
15
0123456789
CS
SCK
SI
SO
High Impedance
Instruction
Data Byte
7654
32
10
10 11 12 13 14 15
Read Memory Array
When reading from the EEPROM memory array, CS is
first pulled low to select the device. The 8-bit READ
instruction is transmitted to the device, followed by the
8-bit address. Bit 3 of the READ instruction selects the
upper or lower half of the device. After the READ
opcode and address are sent, the data stored in the
memory at the selected address is shifted out on the
SO line. The data stored in memory at the next
address can be read sequentially by continuing to pro-
vide clock pulses. The address is automatically incre-
mented to the next higher address after each byte of
data is shifted out. When the highest address is
reached, the address counter rolls over to address
$000 allowing the read cycle to be continued indefi-
nitely. The read operation is terminated by taking CS
high. Refer to the Read EEPROM Array Sequence
(Figure 8).


Similar Part No. - X5043M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043M8I INTERSIL-X5043M8I Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8I INTERSIL-X5043M8I Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8I INTERSIL-X5043M8I Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8I-2.7 INTERSIL-X5043M8I-2.7 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8I-2.7 INTERSIL-X5043M8I-2.7 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com