Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B150E Datasheet(PDF) 1 Page - Weitron Technology

Part # B150E
Description  Reverse Voltage 20 to 200V Forward Current 1.0A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B150E Datasheet(HTML) 1 Page - Weitron Technology

  B150E Datasheet HTML 1Page - Weitron Technology B150E Datasheet HTML 2Page - Weitron Technology B150E Datasheet HTML 3Page - Weitron Technology B150E Datasheet HTML 4Page - Weitron Technology B150E Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case: SOD-323HE
molded plastic over sky die
Terminals: Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product is
Weight: 0.011 g
Haloggen free (green epoxy compound)
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
Parameter Symbol
symbol
B120E
B130E
B140E
B150E
B160E
B180E
B1100E
B1150E
B1200E
Unit
device marking code
12
13
14
15
16
18
110
115
120
Maximum repetitive peak reverse
voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified
current at Tc = 75°C
IF(AV)
A
Peak forward surge current 8.3ms
single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJL
°
C/W
Operating junction temperature
range
TJ
°
C
storage temperature range
TSTG
°
C
Electrical Characteristics Ratings at 25 ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum instantaneous forward
voltage at(IF = 0.7 A, TJ = 25°C)
(IF = 1.0 A, TJ = 25°C)
VF
0.9
0.92
V
Maximum DC reverse current at
rated DC blocking voltage TA = 25°C
TJ = 125°C
IR
0.25
10
0.13
10
mA
Typical junction capacitance at
4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
0.7
0.85
0.48
0.55
0.03
10
1.0
22
220
50
55 to +125
55 to +150
Schottky Barrier Rectifiers
Reverse Voltage 20 to 200V Forward Current 1.0A
160
CATHODE
ANODE
B120E thru B1200E
Lead(Pb)-Free
P b
B1200E
B1150E
B1100E
B180E
B160E
B150E
B140E
B130E
B120E
WEITRON
http://www.weitron.com.tw
1/5
05-May-2016


Similar Part No. - B150E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B150 DIODES-B150 Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Kinetic Technologies.
B150 KINETIC-B150 Datasheet
638Kb / 15P
   36V/24V/19V High Efficiency Step-Up LED Driver with PWM Control
April 2015
logo
Fuji Electric
B150 FUJI-B150 Datasheet
648Kb / 1P
   1 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kinetic Technologies.
B150 KINETIC-B150 Datasheet
914Kb / 18P
   36V/30V/24V Step-Up LED Driver with Internal Diode and Serial Control
April 2017 - Revision 04b
logo
Weitron Technology
B150 WEITRON-B150 Datasheet
213Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B150E

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com