Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B180F Datasheet(PDF) 5 Page - Weitron Technology

Part # B180F
Description  Reverse Voltage 20 to 200V Forward Current 1.0A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B180F Datasheet(HTML) 5 Page - Weitron Technology

  B180F Datasheet HTML 1Page - Weitron Technology B180F Datasheet HTML 2Page - Weitron Technology B180F Datasheet HTML 3Page - Weitron Technology B180F Datasheet HTML 4Page - Weitron Technology B180F Datasheet HTML 5Page - Weitron Technology B180F Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5.Suggested thermal profile for soldering process
1. Storage environment:Temperature=5~40℃ Humidity=55±25%
2. Reflow soldering of surface-mount device
3. Reflow soldering
Time maintained above:
- Temperature (TL)
- Time(tL)
217℃
60-260sec
Peak Temperature(TP)
255 -0/+5℃
Time 25℃ to Peak Temperature
Ramp-down Rate
<6℃/sec
<6minutes
Average ramp-up rate(TL to TP)
<3℃/sec
Profile Feature
Time within 5℃ of actual Peak
Temperature(TP)
10~30sec
Tsmax to TL
- Ramp-up Rate
Preheat
- Temperature Min(Tsmin)
- Temperature Max(Tsmax)
- Time(min to max)(ts)
150℃
200℃
60~120sec
Soldering Condition
<3sec
B120F thru B1200F
WEITRON
http://www.weitron.com.tw
5/6
28-May-2016


Similar Part No. - B180F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B180 DIODES-B180 Datasheet
64Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B180 LITEON-B180 Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B180 WEITRON-B180 Datasheet
94Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B180 DIODES-B180 Datasheet
361Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
logo
Compact Technology Corp...
B180 CTC-B180 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B180F

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B120E WEITRON-B120E Datasheet
1Mb / 5P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com