Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA30S1200A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # AA30S1200A
Description  30W Single, Dual, and Triple Output AC-DC Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA30S1200A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  AA30S1200A Datasheet HTML 1Page - Delta Electronics, Inc. AA30S1200A Datasheet HTML 2Page - Delta Electronics, Inc. AA30S1200A Datasheet HTML 3Page - Delta Electronics, Inc. AA30S1200A Datasheet HTML 4Page - Delta Electronics, Inc. AA30S1200A Datasheet HTML 5Page - Delta Electronics, Inc. AA30S1200A Datasheet HTML 6Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS_AA30S_06172014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P4
Mechancial Drawing PCB Mounting
Mechanical Dimensions
Pin Connections
Pin
Single
Dual
(±12, ±
15)
Dual
(0512)
Triple
Triple
(050312, 030512)
1
AC(N) – AC Neutral
2
AC(L) – AC Line
3
+Vo
ut
+Vout
+Vout2
+Vout2
+Vout2
4
No Pin
+Vout1
+Vout1
+Vout1
5
-Vou
t
Commo
n
-Vout2
Com.
2/3
Com. 2/3
6
No Pin
-Vout1
-Vout1
-Vout1
7
NC
-Vout
NC
-Vout3
+Vout3
NC: No Connection
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.02)
Pin diameter 1.0 ±0.1 (0.04±0.004)
Physical Outline
Case Size
:
88.9x63.5x21.7mm (3.50x2.50x0.85 inches)
Case Material
:
Plastic resin + Fiberglass (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
177g
Mechancial Drawing Chassis Mounting (Option code, suffix C)
Mechanical Dimensions
Connections
Terminal
Single
Dual
(±12,
±15)
Dual
(0512)
Triple
Triple
(050312, 030512)
1
AC(N) – AC Neutral
2
AC(L) – AC Line
3
+Vout
+Vout
+Vout2
+Vout2
+Vout2
4
NC
+Vout1
+Vout1
+Vout1
5
-Vout
Common
-Vout2
Com.
2/3
Com. 2/3
6
NC
-Vout1
-Vout1
-Vout1
7
NC
-Vout
NC
-Vout3
+Vout3
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
Pin pitch tolerance: ±0.25 (0.01)
26.75
55.88 [2.20]
63.5 [2.50]
15.24
12.7
7
6
5
4
3
1
2
21.7
6.0
[0.60]
[0.50]
12.7
[0.50]
15.24
[0.60]
[1.05]
[0.24]
[0.85]
0.7[0.03]
Mounting M4.0 Thread
Bottom View
92.0 [3.62]
100.0 [3.94]
112.0 [4.41]
Top view
10.0 [0.39]
4 x 3.5
POWER"GOOD"INDICATOR
DC-
ON
1
2
3
4
5
6
7
Indication LED


Similar Part No. - AA30S1200A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA30S1200A DELTA-AA30S1200A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S1200A DELTA-AA30S1200A Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
More results

Similar Description - AA30S1200A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
Chinfa Electronics Ind....
KAMN30 CHINFA-KAMN30_15 Datasheet
250Kb / 4P
   AC - DC POWER MODULE 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S-D-T DELTA-AA15S-D-T Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com